Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS65 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CMS65
Description  General Power Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS65 Datasheet(HTML) 1 Page - Sumida Corporation

  CMS65 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformers < SMD Type: CMS Series>
Type: CMS65
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
1.5
6.2
◆
Product Description
・
6.2×6.2mm Max.(L×W), 6.1mm Max. Height.
・
Max. Operating frequency 500kHz;
Max Operating Power 1.5W (500kHz), 0.91W(300kHz), 0.30W(100kHz)
・
Custom design is available.
◆
Feature
・
Magnetically shielded construction.
・
Ideally used in Bias OSC for Tape Recorder, can be also used as power chokes,
Hybrid-IC inductors.
・
RoHS Compliance.
◆
Dimensions (mm)
◆
Schematics (Bottom)
◆
Land Pattern (mm)
“ S” is winding start.
◆
Specification
Sample No.
Inductance (3-4)
1kHz/1V
D.C.R.
(3-4)
6324-T061
76µH±30%
0.59Ω Max
6.0 ±0.2
5.6 ± 0.5
7.0
8.2 ±0.5
4
5
6
1
2
3
S
S
S


Similar Part No. - CMS65

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CMS65P10D2-HF COMCHIP-CMS65P10D2-HF Datasheet
542Kb / 7P
MOSFET
REV:A
More results

Similar Description - CMS65

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
TDJ-30-16A TALEMA-TDJ-30-16A Datasheet
54Kb / 1P
General Purpose Transformers
logo
Cornell Dubilier Electr...
TDL335006S1A CDE-TDL335006S1A Datasheet
166Kb / 1P
General Purpose Coupling Transformers
logo
Premier Magnetics, Inc.
PM-NW01 PMI-PM-NW01 Datasheet
33Kb / 2P
GENERAL PURPOSE COUPLING TRANSFORMERS
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS Datasheet
47Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Bothhand USA, LP.
6T245A BOTHHAND-6T245A Datasheet
61Kb / 1P
GENERAL PURPOSE TRANSFORMERS
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS_10 Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CS XFMRS-XF2006CS Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Murata Power Solutions ...
786 MURATA-PS-786 Datasheet
110Kb / 4P
General Purpose Pulse Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com