Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLB2S-C0 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PLB2S-C0
Description  Double Loop Cable Ties
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLB2S-C0 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PLB2S-C0 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
• Natural nylon material for indoor use
• Weather resistant material has greater resistance to damage
caused by ultraviolet light – indoor or outdoor use
• Heat stabilized material for high temperature applications
up to 239°F (115°C) – indoor use
• A fast and economical method to secure and separate two bundles
• Reduces part number inventory – single part covers multiple
bundle sizes
• Installs easily by hand – second loop can be installed
with Panduit cable tie installation tools
Pan-Ty ® Double Loop Cable Ties
Note: UL Recognized and CSA Certified except PLB4H-TL0.
PLB4H
Head Design
Part Number
Max. Combined
Bundle Dia.
D1 + D2
Length
Width
Thickness
Min.
Loop
Tensile Str.
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
Lbs.
N
Nylon 6.6
Standard Cross Section
PLB2S-C
1.80
46
7.6
193
.190
4.8
.052
1.3
50
222
GTS, GTSL, GS2B,
GTH, GS4H, PTS,
PTH, PPTS,
STS2, STH2
100
1000
PLB3S-C
3.00
76
11.8
300
.190
4.8
.052
1.3
50
222
100
1000
PLB4S-C
4.10
104
14.8
376
.190
4.8
.052
1.3
50
222
100
1000
Light-Heavy Cross Section
PLB4H-TL
3.60
91
14.7
373
.300
7.6
.075
1.9
120
534
GTH, GS4H,
GS4EH, PTH,
STH2, ST3EH
250
2500
PLB2S/3S/4S
Head Design
Assembled View
D1
D2
Weather Resistant Nylon 6.6
Standard Cross Section
PLB2S-C0
1.80
46
7.6
193
.190
4.8
.052
1.3
50
222
GTS, GTSL, GS2B,
GTH, GS4H, PTS,
PTH, PPTS,
STS2, STH2
100
1000
PLB3S-C0
3.00
76
11.8
300
.190
4.8
.052
1.3
50
222
100
1000
PLB4S-M0
4.10
104
14.8
376
.190
4.8
.052
1.3
50
222
1000
5000
Light-Heavy Cross Section
PLB4H-TL0
3.60
91
14.7
373
.300
7.6
.075
1.9
120
534
GTH, GS4H,
GS4EH, PTH,
STH2, ST3EH
250
2500
Heat Stabilized Nylon 6.6
Standard Cross Section
PLB2S-M30
1.80
46
7.6
193
.190
4.8
.052
1.3
50
222
GTS, GTSL, GS2B,
GTH, GS4H, PTS,
PTH, PPTS,
STS2, STH2
1000
10000
PLB3S-M30
3.00
76
11.8
300
.190
4.8
.052
1.3
50
222
1000
10000
PLB4S-M30
4.10
104
14.8
376
.190
4.8
.052
1.3
50
222
1000
5000
Light-Heavy Cross Section
PLB4H-TL30
3.60
91
14.7
373
.300
7.6
.075
1.9
120
534
GTH, GS4H,
GS4EH, PTH,
STH2, ST3EH
250
2500


Similar Part No. - PLB2S-C0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PLB2S PANDUIT-PLB2S Datasheet
247Kb / 1P
BOW-TY CABLE TIES PLB SERIES
4/6/87
More results

Similar Description - PLB2S-C0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
Hook and Loop Cable Ties
HLT21 PANDUIT-HLT21 Datasheet
57Kb / 1P
TAK-TY HOOK & LOOP CABLE TIES HLT SERIES
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
logo
Qualtek Electronics Cor...
12_SERIES QUALTEK-12_SERIES Datasheet
1Mb / 1P
DOUB LE LOOP CAB LE TIES
14_SERIES QUALTEK-14_SERIES Datasheet
1Mb / 1P
DOUB LE LOOP BEA DED CABLE TIES
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com