Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8545ATT Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 27Page - NXP Semiconductors PCF8545ATT Datasheet HTML 28Page - NXP Semiconductors PCF8545ATT Datasheet HTML 29Page - NXP Semiconductors PCF8545ATT Datasheet HTML 30Page - NXP Semiconductors PCF8545ATT Datasheet HTML 31Page - NXP Semiconductors PCF8545ATT Datasheet HTML 32Page - NXP Semiconductors PCF8545ATT Datasheet HTML 33Page - NXP Semiconductors PCF8545ATT Datasheet HTML 34Page - NXP Semiconductors PCF8545ATT Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
31 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
When display data is transmitted to the PCF8545, the display bytes received are stored in
the display RAM in accordance with the selected LCD multiplex drive mode. The data is
stored as it arrives and depending on the current multiplex drive mode, data is stored in
quadruples, sextuples or bytes.
8.9.1 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows the loading of an individual display data byte, or a series of display data bytes, into
any location of the display RAM. The sequence commences with the initialization of the
data pointer by the load-data-pointer command (see Table 19).
Following this command, an arriving data byte is stored starting at the display RAM
address indicated by the data pointer.
The data pointer is automatically incremented in accordance with the chosen LCD
multiplex drive mode configuration. That is, after each byte is stored, the contents of the
data pointer are incremented
• by two (1:4 multiplex drive mode),
• by one or two (1:6 multiplex drive mode),
• by one (1:8 multiplex drive mode).
Multiplex drive 1:6 is a special case and is described later on.
When the address counter reaches the end of the RAM, it stops incrementing after the last
byte is transmitted. Redundant bits of the last byte and subsequent bytes transmitted are
discarded until the pointer is reset. To send new RAM data, the data pointer must be reset.
If an I2C-bus or SPI-bus data access is terminated early, then the state of the data pointer
is unknown. The data pointer must then be rewritten before further RAM accesses.
8.9.2 RAM filling in 1:4 multiplex drive mode
In the 1:4 multiplex drive mode the RAM is organized in four rows and 44 columns. The
eight transmitted data bits are placed in two successive display RAM columns of four rows
(see Figure 20). In order to fill the whole four RAM rows, 22 bytes need to be sent to the
PCF8545. After the last byte sent, the data pointer must be reset before the next RAM
content update. Additional data bytes sent and any data bits that spill over the RAM are
discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com