Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8545 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 25Page - NXP Semiconductors PCF8545 Datasheet HTML 26Page - NXP Semiconductors PCF8545 Datasheet HTML 27Page - NXP Semiconductors PCF8545 Datasheet HTML 28Page - NXP Semiconductors PCF8545 Datasheet HTML 29Page - NXP Semiconductors PCF8545 Datasheet HTML 30Page - NXP Semiconductors PCF8545 Datasheet HTML 31Page - NXP Semiconductors PCF8545 Datasheet HTML 32Page - NXP Semiconductors PCF8545 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
29 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
8.6 Display register
The display register holds the display data while the corresponding multiplex signals are
generated.
8.7 Backplane outputs
The LCD drive section includes eight backplane outputs: BP0 to BP7. The backplane
output signals are generated based on the selected LCD multiplex drive mode.
• In 1:8 multiplex drive mode: BP0 to BP7 must be connected directly to the LCD.
• In 1:6 multiplex drive mode: BP0 to BP5 must be connected directly to the LCD.
• In 1:4 multiplex drive mode: BP0 to BP3 must be connected directly to the LCD.
8.8 Segment outputs
The LCD drive section includes up to 44 segment outputs (S0 to S43) which must be
connected directly to the LCD. The segment output signals are generated based on the
multiplexed backplane signals and with data resident in the display register. When less
segment outputs are required, the unused segment outputs must be left open-circuit. The
number of available segments depends on the multiplex drive mode selected.
8.9 Display RAM
The display RAM stores the LCD data. Depending on the multiplex drive mode, the
arrangement of the RAM is changed.
• multiplex drive 1:8: RAM is 40  8 bit
• multiplex drive 1:6: RAM is 42  6 bit
• multiplex drive 1:4: RAM is 44  4 bit
Table 24.
Backplane and active segment combinations
Multiplex
drive mode
Active BPs
Active segments
1:8
BP0 to BP7
S0 to S39
1:6
BP0 to BP5
S0 to S41
1:4
BP0 to BP3
S0 to S43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com