Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7580 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 23Page - STMicroelectronics ST7580 Datasheet HTML 24Page - STMicroelectronics ST7580 Datasheet HTML 25Page - STMicroelectronics ST7580 Datasheet HTML 26Page - STMicroelectronics ST7580 Datasheet HTML 27Page - STMicroelectronics ST7580 Datasheet HTML 28Page - STMicroelectronics ST7580 Datasheet HTML 29Page - STMicroelectronics ST7580 Datasheet HTML 30Page - STMicroelectronics ST7580 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DocID022644 Rev 2
27/33
ST7580
Physical layer
33
9.2.2
FSK physical frame
Figure 13
shows the physical frame for FSK modulations.
Figure 13. FSK physical frame structure (length in bytes)
The meaning of each field is as follows:
Preamble: a sequence of alternating 1 and 0 symbols (0xAA bytes) required by the
receiver PLL to achieve bit synchronization. Its length is programmable from 2 to 5
bytes.
Unique word: a programmable sequence used to mark the start of a physical frame. Its
length and values are programmable.
Physical SDU (service data unit): payload of the physical layer. Its length is specified in
its first byte, which is always present.
9.2.3
FSK settings
In the FSK physical frame there is no automatic modulation recognition. In order to
communicate using FSK modulation, the transmitter and the receiver must use the same
settings in terms of baud rate, deviation and unique word. ST7580 uses a single set of FSK
settings at a time, both for transmitting and receiving.
9.3
Channel and modulation selection
The ST7580 supports a range of carrier frequencies for modulation, offering a dual channel
configuration for both transmission and reception. The two frequency channels f1, f2 have to
be set with the following constraints:
Minimum frequency carrier value: 9 kHz
Maximum frequency carrier for transmission: 250 kHz
Maximum central frequency (f1 + f2) /2: 249.999 kHz
Maximum frequency difference (f1 - f2): 38.461 kHz.
The transmission is always performed on one channel at a time, modulating the output
signal around either the high channel or the low channel. Any modulation type can be used.
The reception can be configured in single channel mode or in dual channel mode.
In single channel mode the receiver listens to the high channel (the carrier with a higher
frequency value) only, while it neglects any communication on the low channel (the
carrier with a lower frequency value).
In dual channel mode the receiver always listens to both channels. As soon as it
detects a valid frame on a channel, it stops listening to the other channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com