Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1831 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 4 Page - STMicroelectronics

  STM1831 Datasheet HTML 1Page - STMicroelectronics STM1831 Datasheet HTML 2Page - STMicroelectronics STM1831 Datasheet HTML 3Page - STMicroelectronics STM1831 Datasheet HTML 4Page - STMicroelectronics STM1831 Datasheet HTML 5Page - STMicroelectronics STM1831 Datasheet HTML 6Page - STMicroelectronics STM1831 Datasheet HTML 7Page - STMicroelectronics STM1831 Datasheet HTML 8Page - STMicroelectronics STM1831 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
List of figures
STM1831
4/24
Doc ID 18180 Rev 1
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
SOT23-5 pin connections (top view). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Application hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Timing waveforms. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Supply current vs. sense voltage, VCC = 3.0 V, VDET = 2.0 V . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Supply current vs. input voltage, VSEN = 1.9 V (RST asserted) . . . . . . . . . . . . . . . . . . . . . . 9
Figure 8.
Detect voltage vs. ambient temperature, VDET = 2.4 V . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
Detect voltage vs. supply voltage, VDET = 2.4 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 10.
Hysteresis voltage vs. ambient temperature, VDET = 2.4 V . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 11.
CD pin sink current vs. supply voltage, VSEN = 0 V, VCD = 0.5 V . . . . . . . . . . . . . . . . . . . . 11
Figure 12.
Output voltage vs. sense voltage, VDET = 2.4 V, TA = 25 °C, external pull-up resistor
on RST is 100 k
Ω, CD pin open . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
Output voltage vs. supply voltage, VSEN = VCC, external pull-up resistor
on RST is 100 k
Ω, CD pin open . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 14.
Output current vs. supply voltage, VSEN = 0 V, VRST = 0.5 V. . . . . . . . . . . . . . . . . . . . . . . 13
Figure 15.
Relative delay resistance vs. ambient temperature, VCC = 5 V, VSEN = 6 V, VCD = 0 V . . 13
Figure 16.
Release delay time vs. delay capacitance, TA = 25 °C. . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 17.
Detect delay time vs. delay capacitance, TA = 25 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 18.
RST output leakage current vs. ambient temperature,
VCC = VSEN = VOUT = 6.0 V, CD pin open . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 19.
RST output leakage current vs. output voltage, VCC = VSEN = 6.0 V,
TA = 85 °C, CD pin open . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 20.
Sense current vs. supply voltage, VSEN = 1.9 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 21.
Sense current vs. ambient temperature, VCC = VSEN = 5 V . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 22.
AC testing input/output waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 23.
SOT23-5 - 5-lead small outline transistor package mechanical drawing . . . . . . . . . . . . . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com