Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G030F6 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32G030F6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030F6 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32G030F6 Datasheet HTML 66Page - STMicroelectronics STM32G030F6 Datasheet HTML 67Page - STMicroelectronics STM32G030F6 Datasheet HTML 68Page - STMicroelectronics STM32G030F6 Datasheet HTML 69Page - STMicroelectronics STM32G030F6 Datasheet HTML 70Page - STMicroelectronics STM32G030F6 Datasheet HTML 71Page - STMicroelectronics STM32G030F6 Datasheet HTML 72Page - STMicroelectronics STM32G030F6 Datasheet HTML 73Page - STMicroelectronics STM32G030F6 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
Electrical characteristics
STM32G030x6/x8
70/94
DS12991 Rev 1
Figure 20. ADC accuracy characteristics
ENOB
Effective
number of bits
VDDA=VREF+ < 3.6 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = entire range
9.6
10.2
-
bit
SINAD
Signal-to-noise
and distortion
ratio
VDDA=VREF+ < 3.6 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = entire range
59.5
63
-
dB
SNR
Signal-to-noise
ratio
VDDA=VREF+ < 3.6 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = entire range
60
64
-
dB
THD
Total harmonic
distortion
VDDA=VREF+ < 3.6 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = entire range
--74
-70
dB
1. Based on characterization results, not tested in production.
2. ADC DC accuracy values are measured after internal calibration.
3. Injecting negative current on any analog input pin significantly reduces the accuracy of A-to-D conversion
of signal on another analog input. It is recommended to add a Schottky diode (pin to ground) to analog pins
susceptible to receive negative current.
4. I/O analog switch voltage booster enabled (BOOSTEN = 1 in the SYSCFG_CFGR1) when VDDA < 2.4 V
and disabled when VDDA ≥ 2.4 V.
Table 56. ADC accuracy(1)(2)(3) (continued)
Symbol
Parameter
Conditions(4)
Min
Typ
Max
Unit
MSv19880V3
(1) Example of an actual transfer curve
(2) Ideal transfer curve
(3) End point correlation line
4095
4094
4093
7
6
5
4
3
2
1
0
2
345
6
1
7
4093 4094
4095
ED
1 LSB ideal
(1)
(3)
(2)
EL
ET
EG
EO
Code
(VAIN / VREF+)*4095
ET total unadjusted error: maximum deviation
between the actual and ideal transfer curves.
EG gain error: deviation between the last ideal
transition and the last actual one.
ED differential linearity error: maximum deviation
between actual steps and the ideal ones.
EL integral linearity error: maximum deviation between
any actual transition and the end point correlation line.
EO offset error: maximum deviation between the
first actual transition and the first ideal one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com