Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS1TXQTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STS1TXQTR
Description  Low data-rate, low power sub-1GHz transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TXQTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STS1TXQTR Datasheet HTML 27Page - STMicroelectronics STS1TXQTR Datasheet HTML 28Page - STMicroelectronics STS1TXQTR Datasheet HTML 29Page - STMicroelectronics STS1TXQTR Datasheet HTML 30Page - STMicroelectronics STS1TXQTR Datasheet HTML 31Page - STMicroelectronics STS1TXQTR Datasheet HTML 32Page - STMicroelectronics STS1TXQTR Datasheet HTML 33Page - STMicroelectronics STS1TXQTR Datasheet HTML 34Page - STMicroelectronics STS1TXQTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
DocID025109 Rev 1
31/70
STS1TX
Block description
The STS1TX is provided with an automatic and very fast calibration procedure for the
frequency synthesizer. If not disabled, it is performed each time the SYNTH is required to
lock to the programmed RF channel frequency (i.e. from READY to LOCK/TX). Calibration
time is 54 µs.
After completion, the calibration word is used automatically by the STS1TX and is stored in
the RCO_VCO_CALIBR_OUT[1:0] registers.
In order to get the synthesizer locked when the calibration procedure is not enabled, the
correct calibration words to be used must be previously stored in the
RCO_VCO_CALIBR_IN[2:0] registers using VCO_CALIBR_TX field.
The advantage of performing an offline calibration is that the LOCK/setting time is roughly
20 µs (using proper VCO_CALIBR_TX register values).
It is recommended to set the T split time to the longest value (3.47 ns) to facilitate the
calibrator operation, SEL_TSPLIT field of the register SYNTH_CONFIG[0] (register address
0x9F) at 1.
If calibration is enabled, the LOCK/setting time is approximately 80 µs.
8.6
RCO: features and calibration
The STS1TX contains an ultra low-power RC oscillator capable of generating 34.7 kHz with
both 24 MHz and 26 MHz; the RC oscillator frequency is calibrated comparing it to the
digital domain clock fCLK divided by 692 or 750, respectively. The configuration bit, called
24_26MHz_SELECT in the ANA_FUNC_CONF register, contains the information of the
calibrator regarding the frequency of the crystal under operation. If the digital domain clock
is 25 MHz, the setting of the configuration bit 24_26MHz_SELECT will calibrate the low
power RC oscillator according to the following table:
817.0
827.7
100
827.7
838.3
101
838.3
849.2
110
849.2
860.2
111
860.2
872.0
000
872.0
883.8
001
883.8
895.8
010
908.0
919.8
100
919.8
932.0
101
932.0
943.8
110
943.8
956.0
111
Table 24. CP word look-up (continued)
Channel frequency
WCP [2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com