Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7520C Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7520C
Description  ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7520C Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7520C Datasheet HTML 2Page - Texas Instruments ISO7520C Datasheet HTML 3Page - Texas Instruments ISO7520C Datasheet HTML 4Page - Texas Instruments ISO7520C Datasheet HTML 5Page - Texas Instruments ISO7520C Datasheet HTML 6Page - Texas Instruments ISO7520C Datasheet HTML 7Page - Texas Instruments ISO7520C Datasheet HTML 8Page - Texas Instruments ISO7520C Datasheet HTML 9Page - Texas Instruments ISO7520C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ISO7520C, ISO7521C
SLLSE39E – JUNE 2010 – REVISED MAY 2015
www.ti.com
6.5 Electrical Characteristics: VCC1 and VCC2 at 5 V ± 5%
VCC1 and VCC2 at 5 V ±5%, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; See Figure 4
VCCO –0.8
(1)
4.6
VOH
High-level output voltage
V
IOH = –20 µA; See Figure 4
VCCO –0.1
5
IOL = 4 mA; See Figure 4
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 µA; See Figure 4
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
INx at VCCI
(2)
10
µA
IIL
Low-level input current
INx at 0 V
–10
µA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V; See Figure 6
25
50
kV/µs
SUPPLY CURRENT (ALL INPUTS SWITCHING WITH SQUARE-WAVE CLOCK SIGNAL FOR DYNAMIC ICC MEASUREMENT)
ISO7520C
ICC1
Supply current for VCC1
DC to 1 Mbps VI = VCCI or 0 V, 15-pF load
0.4
1
mA
ICC2
Supply current for VCC2
DC to 1 Mbps VI = VCCI or 0 V, 15-pF load
3
6
mA
ISO7521C
ICC1
Supply current for VCC1
DC to 1 Mbps VI = VCCI or 0 V, 15-pF load
2
4
mA
ICC2
Supply current for VCC2
DC to 1 Mbps VI = VCCI or 0 V, 15-pF load
2
4
mA
(1)
VCCO is the supply voltage, VCC1 or VCC2, for the output channel that is being measured.
(2)
VCCI is the supply voltage, VCC1 or VCC2, for the input channel that is being measured.
6.6 Electrical Characteristics: VCC1 at 5 V ± 5%, VCC2 at 3.3 V ± 5%
VCC1 at 5 V ±5%, VCC2 at 3.3 V ±5%, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7521C (5-V side)
VCCO –0.8
4.6
IOH = –4 mA;
See Figure 4
VOH
High-level output voltage
ISO7520C/7521C(3.3-V side)
VCCO –0.4
3
V
IOH = –20 µA; See Figure 4
VCCO –0.1
VCCO
IOL = 4 mA; See Figure 4
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 µA; See Figure 4
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
INx at VCCI
10
µA
IIL
Low-level input current
INx at 0 V
–10
µA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V; See Figure 6
25
40
kV/µs
SUPPLY CURRENT (ALL INPUTS SWITCHING WITH SQUARE-WAVE CLOCK SIGNAL FOR DYNAMIC ICC MEASUREMENT)
ISO7520C
ICC1
Supply current for VCC1
DC to 1 Mbps
VI = VCCI or 0 V, 15-pF load
0.4
1
mA
ICC2
Supply current for VCC2
DC to 1 Mbps
VI = VCCI or 0 V, 15-pF load
2
4.5
mA
ISO7521C
ICC1
Supply current for VCC1
DC to 1 Mbps
VI = VCCI or 0 V, 15-pF load
2
4
mA
ICC2
Supply current for VCC2
DC to 1 Mbps
VI = VCCI or 0 V, 15-pF load
1.5
3.5
mA
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ISO7520C ISO7521C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com