| Electronic Components Datasheet Search |
|
LM2830XMF/NOPB Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2830XMF/NOPB Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 38 page ![]() LM2830, LM2830-Q1 www.ti.com SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014 Layout Example (continued) Figure 30. PCB Layout Example 10.3 Thermal Considerations The PCB size, weight of copper used to route traces and ground plane, and number of layers within the PCB can greatly effect RθJA. The type and number of thermal vias can also make a large difference in the thermal impedance. Thermal vias are necessary in most applications. They conduct heat from the surface of the PCB to the ground plane. Four to six thermal vias should be placed under the exposed pad to the ground plane if the WSON package is used. Thermal impedance also depends on the thermal properties of the application operating conditions (Vin, Vo, Io etc), and the surrounding circuitry. Silicon Junction Temperature Determination Method 1: To accurately measure the silicon temperature for a given application, two methods can be used. The first method requires the user to know the thermal impedance of the silicon junction to top case temperature. Some clarification needs to be made before we go any further. RθJC is the thermal impedance from all six sides of an IC package to silicon junction. RΦJC is the thermal impedance from top case to the silicon junction. In this data sheet we will use RΦJC so that it allows the user to measure top case temperature with a small thermocouple attached to the top case. Copyright © 2006–2014, Texas Instruments Incorporated Submit Documentation Feedback 25 Product Folder Links: LM2830 LM2830-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |