Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2830XMFX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2830XMFX/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMFX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2830XMFX/NOPB Datasheet HTML 1Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 2Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 3Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 4Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2830XMFX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
VIN
SW
2
1
3
5
4
EN
FB
GND
1
2
3
4
6
5
EN
FB
SW
DAP
VINA
VIND
GND
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
WSON Package
6-Pin
Top View
SOT Package
5-Pins
Top View
Pin Functions (5-Pin SOT)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
SW
1
O
Output switch. Connect to the inductor and catch diode.
Signal and power ground pin. Place the bottom resistor of the feedback network as close as
GND
2
G
possible to this pin.
FB
3
I
Feedback pin. Connect to external resistor divider to set output voltage.
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater
EN
4
I
than VIN + 0.3 V.
VIN
5
I/P
Input supply voltage.
(1)
I: Input Pin, O: Output Pin, P: Power Pin, G: Ground Pin
Pin Functions (6-Pin WSON)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
FB
1
I
Feedback pin. Connect to external resistor divider to set output voltage.
Signal and power ground pin. Place the bottom resistor of the feedback network as close as
GND
2
G
possible to this pin.
SW
3
O
Output switch. Connect to the inductor and catch diode.
VIND
4
I/P
Power Input supply.
VINA
5
I/P
Control circuitry supply voltage. Connect VINA to VIND on PC board.
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater
EN
6
I
than VINA + 0.3V.
Die Attach
Connect to system ground for low thermal impedance, but it cannot be used as a primary
–
–
Pad
GND connection.
(1)
I: Input Pin, O: Output Pin, P: Power Pin, G: Ground Pin
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com