Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3445MMX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM3445MMX/NOPB
Description  LM3445 TRIAC Dimmable Offline LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3445MMX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3445MMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3445MMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3445MMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3445MMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3445MMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3445MMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3445MMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3445MMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3445MMX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
IL-PK(UNDIM) =
750 mV
R3
IAVE(UNDIM) = IL2-PK(UNDIM) - '
iL
2
IL2-PK = IAVE + '
iL
2
t
tOFF
tON
IL2 (t)
IAVE
IL2-PK
'iL
IL2-MIN
L2 =
fSW x 'i
VLED
VLED
VBUCK
1
K
1
u
VLED
tOFF =
VBUCK
fSW
1
K
1
u
L2 # tOFF x
VLED
'i
'i # tOFF x
VLED
L2
LM3445
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
www.ti.com
Application Information (continued)
(19)
From this we can see that the ripple current (
Δi) is proportional to off-time (tOFF) multiplied by a voltage which is
dominated by VLED divided by a constant (L2).
These equations can be rearranged to calculate the desired value for inductor L2.
(20)
Where:
(21)
Finally:
(22)
See Typical Application to better understand the design process.
8.1.5 Setting the LED Current
The LM3445 constant off-time control loop regulates the peak inductor current (IL2). The average inductor current
equals the average LED current (IAVE). Therefore the average LED current is regulated by regulating the peak
inductor current.
Figure 25. Inductor Current Waveform in CCM
Knowing the desired average LED current, IAVE and the nominal inductor current ripple, ΔiL, the peak current for
an application running in continuous conduction mode (CCM) is defined in Equation 23.
(23)
Or, the maximum, or undimmed, LED current would then be,
(24)
This is important to calculate because this peak current multiplied by the sense resistor R3 will determine when
the internal comparator is tripped. The internal comparator turns the control MOSFET off once the peak sensed
voltage reaches 750 mV, as shown in Equation 25.
(25)
24
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com