| Electronic Components Datasheet Search |
|
LM3477AMMX/NOPB Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3477AMMX/NOPB Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 36 page ![]() tpeak = 'IOUT(MAX) x L VOUT-DMINVIN - COUTRESR 'Vq = COUT 'IOUT(MAX) t - 2 X L X COUT t 2 (V) VOUT - DMINVIN RESR(MAX) = VOS(MAX) 'IOUT(MAX): 'Vr = RESR('IOUT(MAX) - L VOUT - DMINVIN t) (V) 'V c2 Time Upper Voltage Limit VOS (MAX) 'V c1 0 ESR too large capacitance too small LM3477 SNVS141K – OCTOBER 2000 – REVISED MARCH 2013 www.ti.com Figure 29. Output Voltage Overshoot Violation The ESR and the capacitance of the output capacitor must be carefully chosen so that the output voltage overshoot is within the design's specification VOS(MAX). If the total combined ESR of the output capacitors is not low enough, the initial output voltage excursion will violate the specification, see ΔVC1. If the ESR is low enough, but there is not enough output capacitance, the output voltage will travel outside the specification window due to the extra charge being dumped into the capacitor, see ΔVC2. The LM3477/A has output over voltage protection (OVP) which could trigger if the transient overshoot is high enough. If this happens, the controller will operate in hysteretic mode (see OVER VOLTAGE PROTECTION) for a few cycles before the output voltage settles to its steady state. If this behavior is not desired, substitute VOVP (referred to the output) for VOS(MAX) (VOVP is found in the Electrical Characteristics) to find the minimum capacitance and maximum ESR of the output capacitor. CALCULATIONS FOR THE OUTPUT CAPACITOR During a loading transient, the delta output voltage ΔVc has two changing components. One is the voltage difference across the ESR ( ΔVr), the other is the voltage difference caused by the gained charge (ΔVq). This gives: ΔVc = ΔVr + ΔVq (24) The design objective is to keep ΔVc lower than some maximum overshoot (VOS(MAX)). VOS(MAX) is chosen based on the output load requirements. Both voltages ΔVr and ΔVqwill change with time. For ΔVr the equation is: (25) where, RESR = the output capacitor ESR ΔIOUT = the difference between the load current change IOUT(MAX) − IOUT(MIN) DMIN = Minimum duty cycle of device (0.165 typical) Evaluating this equation at t = 0 gives ΔVr(max). Substituting VOS(MAX) for ΔVr(MAX) and solving for RESR gives: (26) The expression for ΔVq is: (27) From Figure 30 it can be told that ΔVC will reach its peak value at some point in time and then decrease. The larger the output capacitance is, the earlier the peak will occur. To find the peak position, let the derivative of ΔVC go to zero, and the result is: (28) 20 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM3477 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |