Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4752TS/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4752TS/NOPB.B
Description  LM4752 Stereo 11W Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4752TS/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LM4752TS/NOPB.B Datasheet HTML 1Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 2Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 3Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 4Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 5Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 6Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 7Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 8Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM4752
www.ti.com
SNAS006E – FEBRUARY 1999 – REVISED APRIL 2013
CONNECTION DIAGRAMS
Plastic Package (Top View)
See Package Number NDZ
7 Pin DDPAK Package (Top View)
See Package Number KTW
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage
40V
Input Voltage
±0.7V
Input Voltage at Output Pins(4)
GND – 0.4V
Output Current
Internally Limited
Power Dissipation(5)
62.5W
ESD Susceptibility(6)
2 kV
Junction Temperature
150°C
Soldering Information
NDZ Package (10 sec)
250°C
Storage Temperature
−40°C to 150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
All voltages are measured with respect to the GND pin (4), unless otherwise specified.
(4)
The outputs of the LM4752 cannot be driven externally in any mode with a voltage lower than -0.4V below GND or permanent damage
to the LM4752 will result.
(5)
For operating at case temperatures above 25°C, the device must be derated based on a 150°C maximum junction temperature and a
thermal resistance of
θJC = 2°C/W (junction to case). Refer to the section DETERMINING MAXIMUM POWER DISSIPATION for more
information.
(6)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com