Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D38999/28SW Datasheet(PDF) 26 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 26 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 22Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 23Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 24Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 25Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 26Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 27Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 28Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 29Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 30Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Contact
backshells@amphenolpcd.com
26
TABLE A
Accessory
Shell Size
A Ø
B Ø Max.
H Std. Length
+0.02 / -0.13
+12.70 / -6.35
mm
inch
mm
inch
mm
inch
8
12.01
0.47
18.29
0.72
76.20
3
10
14.99
0.59
21.59
0.85
76.20
3
12
19.05
0.75
25.40
1
88.90
3.5
14
22.22
0.87
28.70
1.12
88.90
3.5
16
25.40
1
31.75
1.25
88.90
3.5
18
28.58
1.12
35.05
1.37
88.90
3.5
20
31.75
1.25
38.10
1.5
101.60
4
22
34.92
1.37
41.40
1.62
101.60
4
24
38.10
1.5
44.45
1.75
101.60
4
JANMS27510 PLUG DUST CAPS
JANMS27510
C
8
A
L
Designates Plug Dust Cover
FINISH
ACCESSORY SHELL SIZE
STYLE
LENGTH
B: Cadmium Olive Drab
C: Hard Anodic Black
F: Electroless Nickel
Z: Black Zinc Nickel
8
10
12
14
16
18
20
22
24
C: W/ Chain
A: W/O Chain
L: 5 in. Chain /Rope in lieu of
standard length
M: 6 in. Chain
N: 7 in. Chain
(Omit for standard length “H”)
MIL-DTL-38999, Series II
DUST CAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com