Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4906MMBD Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4906MMBD
Description  LM4906 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4906MMBD Datasheet(HTML) 1 Page - Texas Instruments

  LM4906MMBD Datasheet HTML 1Page - Texas Instruments LM4906MMBD Datasheet HTML 2Page - Texas Instruments LM4906MMBD Datasheet HTML 3Page - Texas Instruments LM4906MMBD Datasheet HTML 4Page - Texas Instruments LM4906MMBD Datasheet HTML 5Page - Texas Instruments LM4906MMBD Datasheet HTML 6Page - Texas Instruments LM4906MMBD Datasheet HTML 7Page - Texas Instruments LM4906MMBD Datasheet HTML 8Page - Texas Instruments LM4906MMBD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM4906, LM4906LDBD, LM4906MMBD
www.ti.com
SNAS191E – APRIL 2003 – REVISED MAY 2013
LM4906
1W, Bypass-Capacitor-less Audio Amplifier with
Internal Selectable Gain
Check for Samples: LM4906, LM4906LDBD, LM4906MMBD
1
FEATURES
DESCRIPTION
The LM4906 is an audio power amplifier primarily
2
•
Selectable Gain of 6dB (2V/V) or 12dB (4V/V)
designed
for
demanding
applications
in
mobile
•
No Output or PSRR Bypass Capacitors
phones and other portable communication device
Required
applications. It is capable of delivering 1W of
•
Improved “Click and Pop” Suppression
continuous average power to an 8
Ω BTL load with
less than 1% distortion (THD+N) from a +5V power
Circuitry
supply.
•
Very Fast Turn on Time: 5ms (Typ)
The LM4906 is the first Texas Instruments Boomer
•
Minimum External Components
Power Amplifier that does not require an external
•
2.6 - 5.5V Operation
PSRR bypass capacitor. The LM4906 also has an
•
BTL Output Can Drive Capacitive Loads
internal selectable gain of either 6dB or 12dB. In
addition, no output coupling capacitors or bootstrap
•
Ultra Low Current Shutdown Mode (SD Low)
capacitors are required which makes the LM4906
ideally suited for cell phone and other low voltage
APPLICATIONS
portable applications.
•
Portable Computers
The LM4906 contains advanced pop and click
•
Desktop Computers
circuitry that eliminates noise, which would otherwise
•
Multimedia Monitors
occur during turn-on and turn-off transitions.
Boomer
audio
power
amplifiers
were
designed
KEY SPECIFICATIONS
specifically to provide high quality output power with a
•
Improved PSRR at 217Hz for +3V: 71 dB
minimal
amount
of
external
components.
The
LM4906
features
a
low
-power
consumption
•
Power Output at +5V, THD+N = 1%, 8
Ω: 1.0 W
shutdown mode (the part is enabled by pulling the SD
(Typ)
pin high). Additionally, the LM4906 features an
•
Power Output at +3V, THD+N = 1%, 8
Ω: 390
internal thermal shutdown protection mechanism.
mW (Typ)
•
Total Shutdown Power Supply Current: 0.1µA
(Typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4906MMBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4906MMBD TI1-LM4906MMBD Datasheet
1Mb / 21P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
More results

Similar Description - LM4906MMBD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7233S STMICROELECTRONICS-TDA7233S Datasheet
65Kb / 6P
1W AUDIO AMPLIFIER WITH MUTE
May-1997
logo
National Semiconductor ...
LM4906 NSC-LM4906 Datasheet
468Kb / 15P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
Sense current amplifier with selectable gain
2003 Nov 10
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
ON Semiconductor
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
Unisonic Technologies
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
LM4906 TI1-LM4906_14 Datasheet
1Mb / 21P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
LM4906 TI1-LM4906 Datasheet
1Mb / 22P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com