Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5035C Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5035C
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035C Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5035C Datasheet HTML 17Page - Texas Instruments LM5035C Datasheet HTML 18Page - Texas Instruments LM5035C Datasheet HTML 19Page - Texas Instruments LM5035C Datasheet HTML 20Page - Texas Instruments LM5035C Datasheet HTML 21Page - Texas Instruments LM5035C Datasheet HTML 22Page - Texas Instruments LM5035C Datasheet HTML 23Page - Texas Instruments LM5035C Datasheet HTML 24Page - Texas Instruments LM5035C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM5035C is a high performance PWM controller integrated half-bridge and synchronous rectifier driver and
is ideally suited for half-bridge topology power converters. The LM5035C architecture allows voltage mode
control with line voltage feedforward. Cycle-by-cycle current limit protection can be implemented. The hiccup
timer helps the system to stay within a safe operation range under overcurrent conditions. The LM5035C allows
programming of dead time between the SR1 and SR2 signals and the HO and LO driver outputs, to allow optimal
power stage design. The LM5035C also provides complete system level protection functions, including UVLO,
OVP, overcurrent protection.
9.2 Typical Application
The following schematic shows an example of a 100-W half-bridge power converter controlled by the LM5035C.
The operating input voltage range (VPWR) is 36 V to 75 V, and the output voltage is 3.3 V. The output current
capability is 30 A. Current sense transformer T2 provides information to the CS pin for current limit protection.
The error amplifier and reference, U3 and U5 respectively, provide voltage feedback through opto-coupler U4.
Synchronous rectifiers Q4, Q5, Q6, and Q7 minimize rectification losses in the secondary. An auxiliary winding
on transformer T1 provides power to the LM5035C VCC pin when the output is in regulation. The input voltage
UVLO thresholds are
≊34 V for increasing VPWR, and ≊32 V for decreasing VPWR. The circuit can be shut down
by driving the ON/OFF input (J2) below 1.25 V with an open-collector or open-drain circuit. An external
synchronizing frequency can be applied through a 100-pF capacitor to the RT input (U1 pin 5). The regulator
output is current-limited at
≊34 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com