Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6504MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMH6504MA/NOPB
Description  LMH6504 Wideband, Low Power, Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6504MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMH6504MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6504MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
LMH6714
2
OUTPUT
20 MHz,
0.1 VPP
-5V
R1
20:
3
1
6
7
4
RF
LMH6609
LMH6714
LMH6504
RG
100:
R10
500:
R9
4.22 k:
1N5712
SCHOTTKY
R2
25:
C1
1.0 µF
C2
680 pF
C3
40 pF
+
+
+
+
-
-
-
-
VIN
INCLUDES SCOPE
PROBE CAPACITANCE
R6
300:
R5
25:
R3
300:
R4
300:
R7
300:
R8
500:
U4
U3
U2
U1
LMH6504
www.ti.com
SNOSA96D – NOVEMBER 2003 – REVISED MARCH 2013
AUTOMATIC GAIN CONTROL (AGC) #1
Fast Response AGC Loop
The AGC circuit shown in Figure 49 will correct a 6 dB input amplitude step in 100 ns. The circuit includes a two
op-amp precision rectifier amplitude detector (U1 and U2), and an integrator (U3) to provide high loop gain at low
frequencies. The output amplitude is set by R9. Some notes on building fast AGC loops: Precision rectifiers work
best with large output signals. Accuracy is improved by blocking DC offsets, as shown in Figure 49.
Figure 49. Automatic Gain Control Circuit #1
Signal frequencies must not reach the gain control port of the LMH6504, or the output signal will be distorted
(modulated by itself). A fast settling AGC needs additional filtering beyond the integrator stage to block signal
frequencies. This is provided in Figure 49 by a simple R-C filter (R10 and C3); better distortion performance can
be achieved with a more complex filter. These filters should be scaled with the input signal frequency. Loops with
slower response time (longer integration time constants) may not need the R10 – C3 filter.
Checking the loop stability can be done by monitoring the VG voltage while applying a step change in input signal
amplitude. Changing the input signal amplitude can be easily done with an arbitrary waveform generator.
AUTOMATIC GAIN CONTROL (AGC) #2
Figure 50 illustrates an automatic gain control circuit that employs two LMH6504’s. In this circuit, U1 receives the
input signal and produces an output signal of constant amplitude. U2 is configured to provide negative feedback.
U2 generates a rectified gain control signal that works against an adjustable bias level which may be set by the
potentiometer and RB. CI integrates the bias and negative feedback. The resultant gain control signal is applied
to the U1 gain control input VG. The bias adjustment allows the U1 output to be set at an arbitrary level less than
the maximum output specification of the amplifier. Rectification is accomplished in U2 by driving both the
amplifier input and the gain control input with the U1 output signal. The voltage divider that is formed by R1 and
R2, sets the rectifier gain.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMH6504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com