Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2021MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMP2021MA/NOPB
Description  LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2021MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMP2021MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions SC-70 and
VSSOP references from LMP2021 pinout
descriptions............................................................ 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics: 2.5 V ................................ 5
6.6
Electrical Characteristics: 5 V ................................... 7
6.7
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 15
7.1
Overview ................................................................. 15
7.2
Functional Block Diagram ....................................... 15
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 15
8
Application and Implementation ........................ 17
8.1
Application Information............................................ 17
8.2
Typical Application .................................................. 23
9
Power Supply Recommendations ...................... 24
10
Layout................................................................... 24
10.1
Layout Guidelines ................................................. 24
10.2
Layout Example .................................................... 25
11
Device and Documentation Support ................. 26
11.1
Device Support .................................................... 26
11.2
Documentation Support ........................................ 26
11.3
Related Links ........................................................ 26
11.4
Trademarks ........................................................... 26
11.5
Electrostatic Discharge Caution ............................ 26
11.6
Glossary ................................................................ 26
12
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (December 2014) to Revision G
Page
•
Deleted SC-70 and VSSOP references from LMP2021 pinout descriptions ......................................................................... 3
•
Deleted DCK and DGK packages and corrected SOT-23 pin function table for LMP2021 .................................................. 3
Changes from Revision E (March 2013) to Revision F
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision D (March 2013) to Revision E
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com