Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7704HBH/EM Datasheet(PDF) 21 Page - Texas Instruments

Part # LMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7704HBH/EM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP7704HBH/EM Datasheet HTML 17Page - Texas Instruments LMP7704HBH/EM Datasheet HTML 18Page - Texas Instruments LMP7704HBH/EM Datasheet HTML 19Page - Texas Instruments LMP7704HBH/EM Datasheet HTML 20Page - Texas Instruments LMP7704HBH/EM Datasheet HTML 21Page - Texas Instruments LMP7704HBH/EM Datasheet HTML 22Page - Texas Instruments LMP7704HBH/EM Datasheet HTML 23Page - Texas Instruments LMP7704HBH/EM Datasheet HTML 24Page - Texas Instruments LMP7704HBH/EM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
7.2 Typical Application
+
±
240 k
10 k
+
±
GND
GND
-5 V
5 V
10 M
GND
Vin = ±0.1 V
GND
Vout
Signal Source with
high output impedance
Figure 7-3. LMP7704-SP Configured for 25 × Gain With High Signal Source Impedance
7.2.1 Design Requirements
Many precision analog sensors, such as temperature or pressure (bridge) sensors, require a high-precision
amplifier with low input bias to condition the signal before the analog-to-digital converter. The LMP7704-SP is
an excellent amplifier choice for a voltage gain stage thanks to the low offset voltage, offset voltage drift, and
ultra-low input bias current.
7.2.2 Detailed Design Procedure
Many sensors have high source impedances that can range up to 10 MΩ. The output signal of sensors must
often be amplified or otherwise conditioned by means of an amplifier. The input bias current of this amplifier can
load the sensor output and cause a voltage drop across the source resistance, shown in Figure 7-4, where VIN+
= VS – IBIAS × RS.
SENSOR
V
+
V
-
RS
+
-
IB
VIN+
VS
+
-
Figure 7-4. Offset Error Due to IBIAS
The last term, IBIAS * RS, shows the voltage drop across RS. To prevent errors introduced to the system due to
this voltage, an op amp with very low input bias current must be used with high impedance sensors. An amplifier
with low input bias also has low input current noise, further improving the accuracy of systems with high source
resistance.
Figure 7-3 shows one channel of the LMP7704-SP configured for a gain of 25. A high source impedance is
placed between the input signal and the noninverting input of the amplifier to represent the output impedance of
the sensor.
With the ultra-low input bias current of the LMP7704-SP, even with a signal source that has high output
impedance, the system output maintains very good linearity to the ideal output voltage (that is, the output
of an ideal amplifier in the same configuration). Figure 7-5 shows the output voltage vs input voltage of the
LMP7704-SP with a 10-MΩ source impedance. Figure 7-6 shows the output voltage vs input voltage for an
ideal amplifier with no input bias current. Comparing the two graphs shows that the LMP7704-SP maintains high
accuracy even with a large source impedance connected to an input.
www.ti.com
LMP7704-SP
SNOSDB6D – DECEMBER 2020 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com