Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8TQ080SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # 8TQ080SPBF
Description  SCHOTTKY RECTIFIER 8 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8TQ080SPBF Datasheet(HTML) 3 Page - International Rectifier

  8TQ080SPBF Datasheet HTML 1Page - International Rectifier 8TQ080SPBF Datasheet HTML 2Page - International Rectifier 8TQ080SPBF Datasheet HTML 3Page - International Rectifier 8TQ080SPBF Datasheet HTML 4Page - International Rectifier 8TQ080SPBF Datasheet HTML 5Page - International Rectifier 8TQ080SPBF Datasheet HTML 6Page - International Rectifier 8TQ080SPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
8TQ...SPbF Series
3
Bulletin PD-21041 rev. B 06/06
www.irf.com
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC Characteristics
Fig. 1 - Maximum Forward Voltage Drop Characteristics
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8 2
2.2
FM
T = 175°C
T = 125°C
T = 25°C
J
J
J
Forward Voltage Drop - V
(V)
0.0001
0.001
0.01
0.1
1
10
100
0
20406080
100
R
150°C
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V
(V)
T = 175°C
J
100
1000
0 10203040 50 60 70 80 90 100110
R
Reverse Voltage - V (V)
T = 25°C
J
1E-04
1E-03
1E-02
1E-01
1E+00
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.20
D = 0.75
D = 0.50
D = 0.33
D = 0.25
t
1,RectangularPulseDuration(Seconds)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com