Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8TQ080STRL Datasheet(PDF) 6 Page - International Rectifier

Part # 8TQ080STRL
Description  SCHOTTKY RECTIFIER 8 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8TQ080STRL Datasheet(HTML) 6 Page - International Rectifier

  8TQ080STRL Datasheet HTML 1Page - International Rectifier 8TQ080STRL Datasheet HTML 2Page - International Rectifier 8TQ080STRL Datasheet HTML 3Page - International Rectifier 8TQ080STRL Datasheet HTML 4Page - International Rectifier 8TQ080STRL Datasheet HTML 5Page - International Rectifier 8TQ080STRL Datasheet HTML 6Page - International Rectifier 8TQ080STRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
8TQ...SPbF Series
6
Bulletin PD-21041 rev. B 06/06
www.irf.com
080 = 80V
100 = 100V
Ordering Information Table
8
T
Q
100
S
TRL PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (8A)
2
-
Circuit Configuration
3
T = TO-220
3
-
Schottky "Q" Series
4
-
Voltage Ratings
5
-
S = D2Pak
6
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented)
TRR = Tape & Reel (Right Oriented)
7
-
none = Standard Production
PbF = Lead-Free
7
Dimensionsinmillimetersand(inches)
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com