Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MD4 Datasheet(PDF) 2 Page - Multicomp Pro

Part # 1MD4
Description  Toggle Switches Miniature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1MD4 Datasheet(HTML) 2 Page - Multicomp Pro

  1MD4 Datasheet HTML 1Page - Multicomp Pro 1MD4 Datasheet HTML 2Page - Multicomp Pro 1MD4 Datasheet HTML 3Page - Multicomp Pro 1MD4 Datasheet HTML 4Page - Multicomp Pro 1MD4 Datasheet HTML 5Page - Multicomp Pro 1MD4 Datasheet HTML 6Page - Multicomp Pro 1MD4 Datasheet HTML 7Page - Multicomp Pro 1MD4 Datasheet HTML 8Page - Multicomp Pro 1MD4 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page <2>
V1.1
13/06/23
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Number
of Poles
UL/CSA
Model
Numbers
Model
Number
Switch Function
Connected Terminals/Schematic
Position 1 Position 2 Position 3
Position 1
Position
2
Position 3
4P
Q1141
1M41
On
None
On
2 to 3, 5 to 6,
8 to 9, 11 to 12
-
2 to 1, 5 to 4,
8 to 7, 11 to 10
Q1142
1M42
MOM
-
Q1143
1M43
Off
On
-
Q1144
1M44
MOM
MOM
-
Q1145
1M45
On
-
Q1146
1M46
On
On
2 to 3, 5 to 6,
8 to 9, 11 to 12
2 to 3,
5 to 4,
8 to 9,
11 to 10
2 to 1, 5 to 4,
8 to 7, 11 to 10
Q1147
1M47
MOM
MOM
Q1148
1M48
On
Pole Options
SPDT
DPDT
Dimensions : Inches (Millimetres)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com