Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17200. Datasheet(PDF) 1 Page - DESCO INDUSTRIES INC

Part # 17200.
Description  FOOT GROUND, HEEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DESCO [DESCO INDUSTRIES INC]
Direct Link  https://desco.descoindustries.com/
Logo DESCO - DESCO INDUSTRIES INC

17200. Datasheet(HTML) 1 Page - DESCO INDUSTRIES INC

  17200. Datasheet HTML 1Page - DESCO INDUSTRIES INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCO WEST: 3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: Desco.com
PHONE (909) 627-8178 FAX (909) 627-7449
DESCO EAST: ONE COLGATE WAY, CANTON, MA 02021-1407
PHONE (781) 821-8370 FAX (781) 575-0172
DRAWING
NUMBER
17200
DATE:
July
2012
© 2012 DESCO INDUSTRIES INC.
Employee Owned
FOOT GROUND, HEEL
Description:
The 17200 and 17202 Foot Grounders provide a continuous ground path between an
operator and a properly grounded ESD protected flooring. These foot grounders are
designed for use on standard shoes. They can be easily adjusted to fit most individuals.
Desco’s foot grounders have a lining that prevents carbon marks on shoes. Foot grounder models
17200 and 17202 have discrete resistors built into the contact strip. Model 17200 has a one
megohm resistor and model 17202 has a two megohm resistor. The product has been tested to
ESD STM97.2 - Floor Materials and Footwear Voltage Measurement in Combination with a Person.
It is a suitable ESD footwear component in Flooring - Footwear System when used as the primary
grounding method (<3.5 x 10E7 ohms per ESD STM 97.1 Floor Materials and Footwear-Resistance
Measurement in Combination with a Person.)
Components:
A. 0.060” thick (± 0.005), 1" wide contact area
a. Outer black layer is conductive neoprene.
b. Inner layer is insulative neoprene.
c. Tear resistant nylon reinforced 4.3 oz. inner scrim layer prevents the rubber from tearing.
B. 3/8" wide, 30" long blue nylon ribbon contains 8 electrically conductive carbon suffused fibers,
reversible, may be positioned on either side of foot.
C. 3/4" wide blue non-elastic hook material.
D. 3/4" wide blue stretch loop material, for quick and easy attachment to foot.
listed. Lot coded for quality traceability.
Specifications
Tab to floor contact point: 1 x 10E6 < 1 x10E8 ohms resistance when measured
per ESD SP9.2 & ESD TR53
Outside Layer
Test Method
Abrasion:
3000 cycles
ASTM-D-3389 Method B
Hardness:
70 Shore A
ASTM-D-2240
Tensile PSI (min):
2500lbs.
ASTM-D-412
Note:
“For standing operations, personnel shall be grounded via a wrist strap
system or by a flooring/footwear system.” (ANSI/ESDS20.20)
“ESD footwear should be tested at least daily while worn. See ESD TR53”
(ESD Handbook TR20.20 section 5.3.3.4)
“Heel and toe grounders shall be worn on both feet to insure effective
use.” (ESD Handbook ESD TR20.20-2008 section 5.3.3.3.4 Footwear
Proper Usage)
UL caution “Note: This product is not recommended for use on equipment with operating voltage
exceeding 250 VAC. The ESD Series is for electrostatic control. It will not reduce or increase your risk
of receiving electric shock when using or working on electrical equipment. Follow the same precautions
you would use without wrist straps, including: Make certain that equipment having a grounding type plug
is properly grounded.”
90P1
LISTED
Specifications and procedures subject to change without notice.
Unless noted, tolerances ± 1/4"
Made in the
United States of America
ITEM NUMBER DESCRIPTION
17200
Foot Ground, Heel, 1 megohm resistor
17202
Foot Ground, Heel, 2 meghom resistor


Similar Part No. - 17200.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1720017 PHOENIX-1720017 Datasheet
87Kb / 5P
PCB terminal block - SMKDS 5/ 2-9,5 - 1720017
1720020 PHOENIX-1720020 Datasheet
82Kb / 5P
PCB terminal block - SMKDS 5/ 3-9,5
1720033 PHOENIX-1720033 Datasheet
152Kb / 5P
SMKDS 5/ 2-6,35
1720041 PHOENIX-1720041 Datasheet
348Kb / 12P
M23-19P1N8A8002 - Cable connector
1720043 PHOENIX-1720043 Datasheet
316Kb / 9P
M23-19P1N8A80DU - Cable connector
More results

Similar Description - 17200.

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
F-9653 BUD-F-9653 Datasheet
13Kb / 1P
RUBBER FOOT
logo
3M Electronics
2044 3M-2044 Datasheet
139Kb / 2P
Economy Heel Grounder 2044
logo
List of Unclassifed Man...
17252 ETC2-17252 Datasheet
55Kb / 1P
FOOT GROUND, HEEL, 3-LAYER, NON-MARRING
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8988 FESTO-8988 Datasheet
96Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
logo
Bertech.
M1SHG BERTECH-M1SHG Datasheet
113Kb / 1P
ESD Heel Grounders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com