Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV641MAE/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LMV641MAE/NOPB
Description  LMV641 10-MHz, 12-V, Low-Power Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV641MAE/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMV641MAE/NOPB Datasheet HTML 19Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 20Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 21Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 22Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 23Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 24Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 25Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 26Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Rin
OUTPUT
Rf
Cf
Cbyp
GND
V+
INPUT
GND
23
LMV641
www.ti.com
SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016
Product Folder Links: LMV641
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
For proper operation, the power supplies must be properly decoupled. For decoupling the supply lines, TI
recommends that 10-nF capacitors be placed as close as possible to the op amp power supply pins. For single
supply, place a capacitor between V+ and V
− supply leads. For dual supplies, place one capacitor between V+
and ground, and one capacitor between V– and ground.
10 Layout
10.1 Layout Guidelines
To properly bypass the power supply, several locations on a printed circuit board need to be considered. A 6.8
µF or greater tantalum capacitor should be placed at the point where the power supply for the amplifier is
introduced onto the board. Another 0.1-µF ceramic capacitor should be placed as close as possible to the power
supply pin of the amplifier. If the amplifier is operated in a single power supply, only the V+ pin needs to be
bypassed with a 0.1-µF capacitor. If the amplifier is operated in a dual power supply, both V+ and V
− pins need
to be bypassed. It is good practice to use a ground plane on a printed-circuit board to provide all components
with a low-inductive ground connection.
10.2 Layout Example
Figure 47. LMV641 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com