Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV641MFE/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV641MFE/NOPB
Description  LMV641 10-MHz, 12-V, Low-Power Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV641MFE/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV641MFE/NOPB Datasheet HTML 2Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 3Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 4Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 5Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 9Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
LMV641
SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LMV641
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(3)
Positive current corresponds to current flowing into the device.
(4)
The part is not short-circuit protected and is not recommended for operation with low resistive loads. Typical sourcing and sinking output
current curves are provided in Typical Characteristics and should be consulted before designing for heavy loads.
6.6 DC Electrical Characteristics: 10 V
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 10 V, V− = 0 V,V
O = VCM = V
+/2, and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN
(1)
TYP
(2)
MAX
(1)
UNIT
VOS
Input offset voltage
TA = 25°C
(3)
5
500
µV
Temperature extremes
750
TC VOS
Input offset average drift
0.1
µV/°C
IB
Input bias current
(3)
TA = 25°C
(3)
70
90
nA
Temperature
extremes
105
IOS
Input offset current
0.7
5
nA
CMRR
Common-mode rejection
ratio
0 V
≤ VCM ≤ 9 V
TA = 25°C
(3)
94
120
dB
Temperature
extremes
90
PSRR
Power supply rejection
ratio
2.7 V
≤ V+ ≤ 10 V, VCM = 0.5
V
TA = 25°C
(3)
94.5
105
dB
Temperature
extremes
92.5
2.7 V
≤ V+ ≤ 12 V, VCM = 0.5
V
TA = 25°C
(3)
94
100
Temperature
extremes
92
CMVR
Input common-mode
voltage range
CMRR
≥ 80 dB
TA = 25°C
(3)
0
9.1
V
CMRR
≥ 76 dB
Temperature
extremes
0
9.1
AVOL
Large signal voltage gain
0.3 V
≤ VO ≤ 9.7 V, RL = 2
kΩ to V+/2
0.4 V
≤ VO ≤ 9.6 V, RL = 2
kΩ to V+/2
TA = 25°C
(3)
90
99
dB
Temperature
extremes
85
0.3 V
≤ VO ≤ 9.7 V, RL = 10
kΩ to V+/2
0.4 V
≤ VO ≤ 9.6 V, RL = 10
kΩ to V+/2
TA = 25°C
(3)
97
104
Temperature
extremes
92
VO
Output Swing High
RL = 2 kΩ to V
+/2, V
IN = 100
mV
TA = 25°C
(3)
68
95
mV from
rail
Temperature
extremes
125
RL = 10 kΩ to V
+/2, V
IN = 100
mV
TA = 25°C
(3)
37
55
Temperature
extremes
65
Output Swing Low
RL = 2 kΩ to V
+/2, V
IN = 100
mV
TA = 25°C
(3)
65
90
Temperature
extremes
110
RL = 10 kΩ to V
+/2, V
IN = 100
mV
TA = 25°C
(3)
32
42
Temperature
extremes
52
IOUT
Sourcing and sinking
output current
VIN_DIFF = 100 mV
to VO = V
+/2 (4)
Sourcing
26
mA
Sinking
112
IS
Supply current
TA = 25°C
(3)
158
190
µA
Temperature extremes
240
SR
Slew rate
AV = 1, VO = 2 V to 8 VPP
Rising (10% to 90%)
2.6
V/µs
Falling (90% to 10%)
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com