Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV652MM/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV652MM/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV652MM/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV652MM/NOPB Datasheet HTML 7Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 8Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 9Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 10Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 11Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 12Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 13Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 14Page - Texas Instruments LMV652MM/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
-30
-25
-20
-15
-10
-5
30
0
5
10
15
20
25
TIME (Ps)
0
20
40
60
70
80
VS = 5V
CL = 125 pF, AV = +1
VIN = 20 mVPP, 20 kHz
0
20
40
60
80
100
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (Ps)
VS = 5V
CL = 15 pF, AV = +1
VIN = 2 VPP, 20 kHz
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0001
0.001
0.01
0.1
VS = 5V
VIN = 2 VPP
AV = +2
RL = 2 k:
RL = 100 k:
0
20
40
60
80
100
TIME (Ps)
-15
-10
-5
0
5
10
15
20
25
-20
30
VS = 5V
CL = 15 pF, AV = +1
VIN = 20 mVPP, 20 kHz
0.001
0.01
0.1
1
10
VOUT (V)
0.001
0.01
0.1
1
VS = 5V
VIN = 1 kHz
AV = +2
RL = 2 k:
RL = 100 k:
SINE WAVE
10
100
1k
10k
100k
FREQUENCY (Hz)
0.001
0.01
0.1
1
VS = 3V
VIN = 1 VPP
AV = +2
RL = 2 k:
RL = 100 k:
11
LMV651, LMV652, LMV654
www.ti.com
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, TA= 25°C, VS= 5 V, V
+= 5 V, V−= 0 V, V
CM= VS/2
Figure 25. THD+N vs VOUT
Figure 26. THD+N vs Frequency
Figure 27. THD+N vs Frequency
Figure 28. Small Signal Transient Response
Figure 29. Small Signal Transient Response
Figure 30. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com