Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV794MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV794MA/NOPB
Description  LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV794MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV794MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV794MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
LMV793, LMV794
SNOSAX6D – MARCH 2007 – REVISED MARCH 2013
www.ti.com
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2 = V
O. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
0.1
±1.35
mV
±1.65
TC VOS Input Offset Voltage Temperature Drift
(4)
LMV793
−1.0
μV/°C
LMV794
−1.8
IB
Input Bias Current
VCM = 2.0V
(5) (6)
−40°C ≤ TA ≤ 85°C
0.1
1
25
pA
−40°C ≤ TA ≤ 125°C
0.1
1
100
IOS
Input Offset Current
VCM = 2.0V
(6)
10
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 3.7V
80
100
dB
75
PSRR
Power Supply Rejection Ratio
2.0V
≤ V+ ≤ 5.5V, VCM = 0V
80
100
75
dB
1.8V
≤ V+ ≤ 5.5V, VCM = 0V
80
98
CMVR
Common Mode Voltage Range
CMRR
≥ 60 dB
−0.3
4
V
CMRR
≥ 55 dB
-0.3
4
AVOL
Open Loop Voltage Gain
VOUT = 0.3V to 4.7V, LMV793
85
97
RL = 2 kΩ to V
+/2
80
LMV794
82
89
dB
78
VOUT = 0.3V to 4.7V,
88
110
RL = 10 kΩ to V
+/2
84
VOUT
Output Voltage Swing High
RL = 2 kΩ to V
+/2
LMV793
35
75
82
LMV794
35
75
82
RL = 10 kΩ to V
+/2
25
65
71
mV from
either rail
Output Voltage Swing Low
RL = 2 kΩ to V
+/2
LMV793
42
75
78
LMV794
45
80
83
RL = 10 kΩ to V
+/2
20
65
67
IOUT
Output Current
Sourcing to V−
45
60
VIN = 200 mV
(7)
37
mA
Sinking to V+
10
21
VIN = –200 mV
(7)
6
IS
Supply Current per Amplifier
LMV793
1.15
1.40
1.75
mA
LMV794 per Channel
1.30
1.70
2.05
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage average drift is determined by dividing the change in VOS by temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
This parameter is specified by design and/or characterization and is not tested in production.
(7)
The short circuit test is a momentary test, the short circuit duration is 1.5 ms.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV793 LMV794



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com