Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3997 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3997
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3997 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3997 Datasheet HTML 2Page - Texas Instruments LP3997 Datasheet HTML 3Page - Texas Instruments LP3997 Datasheet HTML 4Page - Texas Instruments LP3997 Datasheet HTML 5Page - Texas Instruments LP3997 Datasheet HTML 6Page - Texas Instruments LP3997 Datasheet HTML 7Page - Texas Instruments LP3997 Datasheet HTML 8Page - Texas Instruments LP3997 Datasheet HTML 9Page - Texas Instruments LP3997 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
0
50
100
150
200
250
LOAD CURRENT (mA)
0
20
40
60
80
100
120
140
160
180
200
TA = 125
oC
TA = -40
oC
TA = 25
oC
3.5
4
4.5
5
5.5
6
VIN
20
30
40
50
60
70
80
90
100
110
120
TA = 85
oC
TA = -40
oC
TA = 25
oC
3.5
4
4.5
5
5.5
6
VIN
20
30
40
50
60
70
80
90
100
110
120
TA = 85
oC
TA = -40
oC
TA = 25
oC
3.5
4
4.5
5
5.5
6
VIN
20
30
40
50
60
70
80
90
100
110
120
TA = 85
oC
TA = -40
oC
TA = 25
oC
0
50
100
150
200
250
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
TA = 125
oC
TA = -40
oC
TA = 25
oC
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
LP3997
SNVS272B – MAY 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics.
Unless otherwise noted, SD = 950mV, VIN = VOUT + 1.0V, CIN = 2.2 µF, IOUT = 1 mA, COUT = 2.2 µF and CBYP = 0.1 µF.
Typical values and limits appearing in normal type apply for TJ = 27°C. Limits appearing in boldface type apply over the full
temperature range for operation,
−40 to +125°C.
Output Voltage Change vs Temperature
Ground Current vs Load Current
Ground Current vs VIN. ILOAD = 0mA
Ground Current vs VIN. ILOAD = 1mA
Ground Current vs VIN. ILOAD = 250mA
Dropout Voltage vs Load Current
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com