Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2953AIM/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LP2953AIM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2953AIM/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP2953AIM/NOPB Datasheet HTML 19Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 20Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 21Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 22Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 23Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 24Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 25Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 26Page - Texas Instruments LP2953AIM/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
8.2.2 5-V Current Limiter with Load Fault Indicator
Figure 36 is the example circuit for 5-V current limiter with load fault indicator, it has the following features:
•
Output voltage equals +VIN minimum dropout voltage, which varies with output current. Current limits at a
maximum of 380 mA (typical).
•
Select R1 so that the comparator input voltage is 1.23 V at the output voltage which corresponds to the
desired fault current value.
Figure 36. 5-V Current Limiter With Load Fault Indicator
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com