Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5030 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5030
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 Datasheet(HTML) 5 Page - Texas Instruments

  LP5030 Datasheet HTML 1Page - Texas Instruments LP5030 Datasheet HTML 2Page - Texas Instruments LP5030 Datasheet HTML 3Page - Texas Instruments LP5030 Datasheet HTML 4Page - Texas Instruments LP5030 Datasheet HTML 5Page - Texas Instruments LP5030 Datasheet HTML 6Page - Texas Instruments LP5030 Datasheet HTML 7Page - Texas Instruments LP5030 Datasheet HTML 8Page - Texas Instruments LP5030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Thermal
Pad
1
OUT0
2
OUT1
3
OUT2
4
OUT3
5
OUT4
6
OUT5
7
OUT6
8
OUT7
9
OUT8
10
OUT9
11
OUT10
12
OUT11
13
OUT12
24
OUT23
25
OUT24
26
OUT25
27
OUT26
28
OUT27
29
OUT28
30
OUT29
31
OUT30
32
OUT31
33
OUT32
34
OUT33
35
OUT34
36
OUT35
Not to scale
5
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
LP5036 RJV Package
46-Pin VQFN With Exposed Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
LP5030
LP5036
ADDR0
38
38
—
I2C slave-address selection pin. This pin must not be left floating.
ADDR1
39
39
—
I2C slave-address selection pin. This pin must not be left floating.
EN
43
43
I
Chip enable input pin
IREF
44
44
—
Output current-reference global-setting pin
NC
31
—
—
No internal connection
NC
32
—
—
No internal connection
NC
33
—
—
No internal connection
NC
34
—
—
No internal connection
NC
35
—
—
No internal connection
NC
36
—
—
No internal connection
OUT0
1
1
O
Current sink output 0. If not used, this pin can be left floating.
OUT1
2
2
O
Current sink output 1. If not used, this pin can be left floating.
OUT2
3
3
O
Current sink output 2. If not used, this pin can be left floating.
OUT3
4
4
O
Current sink output 3. If not used, this pin can be left floating.
OUT4
5
5
O
Current sink output 4. If not used, this pin can be left floating.
OUT5
6
6
O
Current sink output 5. If not used, this pin can be left floating.
OUT6
7
7
O
Current sink output 6. If not used, this pin can be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com