Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3996 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3996
Description  Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3996 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3996 Datasheet HTML 8Page - Texas Instruments LP3996 Datasheet HTML 9Page - Texas Instruments LP3996 Datasheet HTML 10Page - Texas Instruments LP3996 Datasheet HTML 11Page - Texas Instruments LP3996 Datasheet HTML 12Page - Texas Instruments LP3996 Datasheet HTML 13Page - Texas Instruments LP3996 Datasheet HTML 14Page - Texas Instruments LP3996 Datasheet HTML 15Page - Texas Instruments LP3996 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LP3996-Q1
SNVSA17 – OCTOBER 2013
www.ti.com
APPLICATION HINTS
Operation Description
The LP3996-Q1 is a low quiescent current, power management IC, designed specifically for portable applications
requiring minimum board space and smallest components. The LP3996-Q1 contains two independently
selectable LDOs. The first is capable of sourcing 150 mA at factory-programmed outputs between 0.8V and
3.3V. The second can source 300 mA at factory-programmed output voltages of 0.8V to 3.3V. In addition, LDO2
contains a power-good flag circuit which monitors the output voltage and indicates when it is within 8% of its
nominal value. The flag will also act as a power-on-reset signal and, by adding an external capacitor, a delay
may be programmed for the POR output.
Input Capacitor
An input capacitor is required for stability. It is recommended that a 1.0 µF capacitor be connected between the
LP3996-Q1 input pin and ground (this capacitance value may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a low-
impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input,
it must be ensured by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR (Equivalent Series Resistance) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will remain
approximately 1.0 µF over the entire operating temperature range.
Output Capacitor
The LP3996-Q1 is designed specifically to work with very small ceramic output capacitors. A 1.0 µF ceramic
capacitor (temperature types Z5U, Y5V or X7R) with ESR between 5 m
Ω to 500 mΩ, is suitable in the LP3996-
Q1 application circuit.
For this device the output capacitor should be connected between the VOUT pin and ground.
It is also possible to use tantalum or film capacitors at the device output, COUT (or VOUT), but these are not as
attractive for reasons of size and cost (see Capacitor Characteristics).
The output capacitor must meet the requirement for the minimum value of capacitance and also have an ESR
value that is within the range 5 m
Ω to 500 mΩ for stability.
No-Load Stability
The LP3996-Q1 will remain stable and in regulation with no external load. This is an important consideration in
some circuits, for example CMOS RAM keep-alive applications.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP3996-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com