Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900TL-2.2/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LP5900TL-2.2/NOPB
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5900TL-2.2/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5900TL-2.2/NOPB Datasheet HTML 12Page - Texas Instruments LP5900TL-2.2/NOPB Datasheet HTML 13Page - Texas Instruments LP5900TL-2.2/NOPB Datasheet HTML 14Page - Texas Instruments LP5900TL-2.2/NOPB Datasheet HTML 15Page - Texas Instruments LP5900TL-2.2/NOPB Datasheet HTML 16Page - Texas Instruments LP5900TL-2.2/NOPB Datasheet HTML 17Page - Texas Instruments LP5900TL-2.2/NOPB Datasheet HTML 18Page - Texas Instruments LP5900TL-2.2/NOPB Datasheet HTML 19Page - Texas Instruments LP5900TL-2.2/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
LP5900
SNVS358R – JULY 2005 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5900
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
10.4 DSBGA Light Sensitivity
Exposing the DSBGA device to direct light may cause incorrect operation of the device. Light sources such as
halogen lamps can affect electrical performance if they are situated in proximity to the device.
Light with wavelengths in the red and infra-red part of the spectrum has the most detrimental effect; thus, the
fluorescent lighting used inside most buildings has very little effect on performance.
10.5 WSON Mounting
The 6-lead WSON package requires specific mounting techniques which are detailed in AN-1187 Leadless
Leadframe Package (LLP) (SNOA401). Referring to the section PCB Design Recommendations, it should be
noted that the pad style which should be used with the WSON package is the NSMD (non-solder mask defined)
type. Additionally, it is recommended the PCB terminal pads to be 0.2 mm longer than the package pads to
create a solder fillet to improve reliability and inspection.
The exposed thermal pad on the bottom of the WSON package must be connected to a copper area on the PCB
under the package. TI recommends use of thermal vias to remove heat from the package into the PCB is
recommended. Connect the thermal pad to ground potential or leave floating. Do not connect the thermal pad to
any potential other than the same ground potential seen at device pin 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com