Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV511MG/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LPV511MG/NOPB
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511MG/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPV511MG/NOPB Datasheet HTML 5Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 6Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 7Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 8Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 9Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 10Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 11Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 12Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
OUTPUT VOLTAGE REFERENCED TO V
+
(V)
25°C
85°C
125°C
-40°C
V
+
= 5V
0.1
1
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
V
+
= 5V
25°C
85°C
-40°C
125°C
-40°C
VCM (V)
0
2
4
6
8
10
12
-40°C
25°C
85°C
V
+
= 12V
-0.6
-0.4
-0.2
0
0.2
0.4
1
0.6
0.8
1
2
3
4
5
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
VCM (V)
-40°C
25°C
85°C
V
+
= 5V
0
1
2
3
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
VCM (V)
-40°C
25°C
85ºC
V
+
= 3V
0
4
10
0
0.2
0.4
0.6
0.8
1
1.6
SUPPLY VOLTAGE (V)
1.2
1.4
25°C
85ºC
125°C
2
6
8
12
-40°C
9
LPV511
www.ti.com
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
At TJ = 25°C, unless otherwise specified.
Figure 1. Supply Current vs Supply Voltage
Figure 2. Input Offset Voltage vs Input Common Mode
Figure 3. Input Offset Voltage vs Input Common Mode
Figure 4. Input Offset Voltage vs Input Common Mode
Figure 5. Sourcing Current vs Output Voltage
Figure 6. Sinking Current vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com