Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8557I Datasheet(PDF) 8 Page - Texas Instruments

Part # LP8557I
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557I Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8557I Datasheet HTML 4Page - Texas Instruments LP8557I Datasheet HTML 5Page - Texas Instruments LP8557I Datasheet HTML 6Page - Texas Instruments LP8557I Datasheet HTML 7Page - Texas Instruments LP8557I Datasheet HTML 8Page - Texas Instruments LP8557I Datasheet HTML 9Page - Texas Instruments LP8557I Datasheet HTML 10Page - Texas Instruments LP8557I Datasheet HTML 11Page - Texas Instruments LP8557I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
4p8s
4p6s
4p4s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
4p9s
4p7s
4p5s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
5p9s
5p7s
5p5s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
5p8s
5p6s
5p4s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
6p8s
6p6s
6p4s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
6p9s
6p7s
6p5s
C001
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
7.11 Typical Characteristics
Unless otherwise specified: VIN = VDD = 3.8 V, L = 10 µH Cyntec PIME051E, D = Diodes PD3S130L-7, COUT = 2 × 4.7 µF,
LED Vƒ = 2.85 V (typical), ILED_MAX = 25 mA per string.
Figure 3. LED Efficiency With 6 LED Strings
Figure 2. LED Efficiency With 6 LED Strings
Figure 4. LED Efficiency With 5 LED Strings
Figure 5. LED Efficiency With 5 LED Strings
Figure 7. LED Efficiency With 4 LED Strings
Figure 6. LED Efficiency With 4 LED Strings
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com