Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073R8Y6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32U073R8Y6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073R8Y6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32U073R8Y6 Datasheet HTML 7Page - STMicroelectronics STM32U073R8Y6 Datasheet HTML 8Page - STMicroelectronics STM32U073R8Y6 Datasheet HTML 9Page - STMicroelectronics STM32U073R8Y6 Datasheet HTML 10Page - STMicroelectronics STM32U073R8Y6 Datasheet HTML 11Page - STMicroelectronics STM32U073R8Y6 Datasheet HTML 12Page - STMicroelectronics STM32U073R8Y6 Datasheet HTML 13Page - STMicroelectronics STM32U073R8Y6 Datasheet HTML 14Page - STMicroelectronics STM32U073R8Y6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 146 page
background image
3.6.3
Voltage regulator
Two embedded linear voltage regulators, main regulator (MR), and low-power regulator (LPR), supply most of
digital circuitry in the device:
•
The MR is used in Run, Sleep and Stop 0 modes.
•
The LPR is used in Low-power run, Low-power sleep, Stop 1, and Stop 2 modes. It is also used to supply
the 8-Kbyte SRAM2 in Standby mode, in order to ensure SRAM2 retention.
Both regulators are powered down in Standby and Shutdown modes: the regulator output is in high impedance,
and the kernel circuitry is powered down, thus inducing zero consumption.
3.6.4
VBAT operation
The VBAT power domain, consuming very little energy, includes RTC, and LSE oscillator and backup registers.
In VBAT mode, the RTC domain is supplied from VBAT pin. The power source can be, for example, an external
battery or an external supercapacitor. Two anti-tamper detection pins are available.
The RTC domain can also be supplied from VDD/VDDA pin.
By means of a built-in switch, an internal voltage supervisor allows automatic switching of RTC domain powering
between VDD and voltage from VBAT pin to ensure that the supply voltage of the RTC domain (VBAT) remains
within valid operating conditions. If both voltages are valid, the RTC domain is supplied from VDD/VDDA pin.
An internal circuit for charging the battery on VBAT pin can be activated if the VDD voltage is within a valid range.
Note:
External interrupts and RTC alarm/events cannot cause the microcontroller to exit the VBAT mode, as in that
mode the VDD is not within a valid range.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 11/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com