Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900SDX-2.7/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5900SDX-2.7/NOPB
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5900SDX-2.7/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP5900SDX-2.7/NOPB Datasheet HTML 1Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 2Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 3Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 4Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 5Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 6Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 7Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 8Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1 OUT
2 N/C
3 GND
IN 6
N/C 5
Bottom View
Thermal
Pad
OUT 1
N/C 2
GND 3
6 IN
5 N/C
Top View
4 EN
EN 4
Thermal
Pad
IN
A2
OUT
B2
IN
A2
OUT
B2
A1
EN
B1
GND
A1
EN
B1
GND
Top View
Bottom View
3
LP5900
www.ti.com
SNVS358R – JULY 2005 – REVISED JUNE 2016
Product Folder Links: LP5900
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YZR and YPF Packages
4-Pin DSBGA
NGF Package
6-Pin WSON with Exposed Thermal Pad
Pin Functions
PIN
TYPE
DESCRIPTION
DSBGA
WSON
NAME
A1
4
EN
I
Enable input; disables the regulator when
≤ 0.4 V. Enables the regulator when ≥
1.2 V. An internal 1-M
Ω pull-down resistor connects this input to ground.
A2
6
IN
I
Input voltage supply. Connect a 0.47-µF capacitor at this input.
B1
3
GND
—
Common ground
B2
1
OUT
O
Output voltage. A 0.47-
μF Low ESR capacitor should be connected to this pin.
Connect this output to the load circuit.
—
2
NC
—
No internal connection.
—
Thermal
Pad
Thermal Pad
—
The exposed thermal pad on the bottom of the packagemust be connected to a
copper area on the PCB under the package. TI recommends use of thermal vias
to remove heat from the package into the PCB. Connect the thermal pad to
ground potential or leave floating. Do not connect the thermal pad to any potential
other than the same ground potential seen at device pin 3. For additional
information on using TI's non-pullback WSON package, see AN-1187 Leadless
Leadframe Package (LLP) (SNOA401).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com