| Electronic Components Datasheet Search |
|
LP5900TL-2.7/NOPB.A Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5900TL-2.7/NOPB.A Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP5900SD-1.5/NOPB Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L15 LP5900SD-1.5/NOPB.A Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L15 LP5900SD-1.8/NOPB Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L17 LP5900SD-1.8/NOPB.A Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L17 LP5900SD-2.0/NOPB Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L18 LP5900SD-2.0/NOPB.A Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L18 LP5900SD-2.2/NOPB Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L19 LP5900SD-2.2/NOPB.A Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L19 LP5900SD-2.5/NOPB Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L13 LP5900SD-2.5/NOPB.A Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L13 LP5900SD-2.7/NOPB Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L14 LP5900SD-2.7/NOPB.A Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L14 LP5900SD-2.8/NOPB Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L12 LP5900SD-2.8/NOPB.A Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L12 LP5900SD-3.0/NOPB Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L20 LP5900SD-3.0/NOPB.A Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L20 LP5900SD-3.3/NOPB Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L16 LP5900SD-3.3/NOPB.A Active Production WSON (NGF) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L16 LP5900SDX-1.8/NOPB Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L17 LP5900SDX-1.8/NOPB.A Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L17 LP5900SDX-2.5/NOPB Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L13 LP5900SDX-2.5/NOPB.A Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L13 LP5900SDX-2.7/NOPB Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L14 LP5900SDX-2.7/NOPB.A Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L14 LP5900SDX-2.8/NOPB Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L12 LP5900SDX-2.8/NOPB.A Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L12 LP5900SDX-3.0/NOPB Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L20 LP5900SDX-3.0/NOPB.A Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L20 LP5900SDX-3.3/NOPB Active Production WSON (NGF) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L16 Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |