Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIPF36T5X Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # PDIPF36T5X
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIPF36T5X Datasheet(HTML) 1 Page - Banner Engineering Corp.

  PDIPF36T5X Datasheet HTML 1Page - Banner Engineering Corp. PDIPF36T5X Datasheet HTML 2Page - Banner Engineering Corp. PDIPF36T5X Datasheet HTML 3Page - Banner Engineering Corp. PDIPF36T5X Datasheet HTML 4Page - Banner Engineering Corp. PDIPF36T5X Datasheet HTML 5Page - Banner Engineering Corp. PDIPF36T5X Datasheet HTML 6Page - Banner Engineering Corp. PDIPF36T5X Datasheet HTML 7Page - Banner Engineering Corp. PDIPF36T5X Datasheet HTML 8Page - Banner Engineering Corp. PDIPF36T5X Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
163
More information online at
bannerengineering.com
Fiber Systems
Fiber Optic Systems
D10
. . . . . . . . . . . . page 166
• Advanced amplifier for use with plastic fibers
• High-performance, low-contrast sensing
• Easy-to-set TEACH programming
• Manual adjustment capability for fine tuning
• 4-digit display of signal strength and
operating status
• Visible red or visible green sensing beam
Fiber System Overview
. . . . . . . . . . . . . . . page 164
• Fiber Systems Explained
• When to Use Fiber Systems
• Selection information for sensors and fibers
• Choosing Plastic or Glass Fibers
D12
. . . . . . . . . . . . page 172
• Glass and plastic fiber optic models
• Models for standard applications, high-speed
response and increased power
• AC-coupled for high-sensitivity applications
R55F
. . . . . . . . . . . page 177
• Green, blue, white, red or infrared LED colors
• For mounting flat or to a 35 mm DIN rail
• Models for glass and plastic fiber optics
FI22
. . . . . . . . . . . . page 180
• Low-profile design to mount directly on
equipment
• 8-segment LED status bar for signal strength,
sensing contrast, programming status and
diagnostic warnings
• Completely sealed, IP67 point-of-use or
inline fiber optic amplifier
Plastic Fibers
. . . . . page 182
• Inexpensive and easily cut to length during
installation
• Very bendable, for a precise fit
• Available coiled, for applications requiring
articulated or reciprocating motion
• Diameters of 0.25, 0.5, 1.0 or 1.5 mm
Glass Fibers
. . . . . . page 198
• For hostile environments: high temperatures,
corrosive materials, extreme moisture and
high levels of shock and vibration
• Inherent immunity to extreme electrical noise
• Quickly custom designed and built for your
unique applications


Similar Part No. - PDIPF36T5X

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PDIP AMKOR-PDIP Datasheet
393Kb / 2P
Amkor?셲 PDIP packages offer
PDIP AMKOR-PDIP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
Analog Microelectronics
PDIP-40 AME-PDIP-40 Datasheet
53Kb / 1P
A : MIN 3.300 MAX 4.200 B : MIN 0.018 MAX 0.570
PDIP-8 AME-PDIP-8 Datasheet
53Kb / 1P
A : MIN 0.13 MAX - B : MIN 6.10 MAX 7.10
logo
STMicroelectronics
PDIP24 STMICROELECTRONICS-PDIP24 Datasheet
32Kb / 2P
POWER DIP 24 2022 leads
Nov-2000
More results

Similar Description - PDIPF36T5X

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
Fiber Optic Transmitter
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
GCB1000 GLENAIR-GCB1000 Datasheet
283Kb / 2P
Fiber Optic CleanBlast짰 Cleaning Systems
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E39 OMRON-E39 Datasheet
432Kb / 6P
Fiber-Optic Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com