Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUV27 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUV27
Description  MEDIUM POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV27 Datasheet(HTML) 2 Page - STMicroelectronics

  BUV27 Datasheet HTML 1Page - STMicroelectronics BUV27 Datasheet HTML 2Page - STMicroelectronics BUV27 Datasheet HTML 3Page - STMicroelectronics BUV27 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.76
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current (RBE = 5
0Ω)
VCE = 240V Tc = 125
o C
3mA
ICEX
Collector Cut-off
Current
VCE = 240V VBE = -1.5V Tc = 125
oC1
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 0.2 A
L = 25mH
120
V
VEBO
Emitter-Base Voltage
(IC = 0)
IE = 50mA
7
30
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 4A
IB = 0.4A
IC = 8A
IB = 0.8A
0.7
1.5
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 8A
IB = 0.8A
2
V
ton
ts
tf
RESISTIVE LOAD
Turn-on Time
Storage Time
Fall Time
VCC = 90V
IC = 8A
VBE = - 6V
IB1 = 0.8A
RBB = 3.75
Ω
0.4
0.5
0.12
0.8
1.2
0.25
ms
µs
µs
ts
tf
ts
tf
INDUCTIVE LOAD
Storage time
Fall Time
Storage Time
Fall Time
VCC = 90V
IC
= 8A
IB1
= 0.8A
VBE = - 5V
LB
= 1
µH
VCC = 90V
IC
= 8 A
IB1
= 0.8A
VBE = - 5V
LB
= 1
µH
Tj
= 125
o C
0.6
0.04
2
0.15
µs
µs
µs
µs
∗ Pulsed: Pulse duration = 300µs, duty cycle = 2 %
BUV27
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com