Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGPF15N60UNDF Datasheet(PDF) 2 Page - ON Semiconductor

Part # FGPF15N60UNDF
Description  Short Circuit Rated IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGPF15N60UNDF Datasheet(HTML) 2 Page - ON Semiconductor

  FGPF15N60UNDF Datasheet HTML 1Page - ON Semiconductor FGPF15N60UNDF Datasheet HTML 2Page - ON Semiconductor FGPF15N60UNDF Datasheet HTML 3Page - ON Semiconductor FGPF15N60UNDF Datasheet HTML 4Page - ON Semiconductor FGPF15N60UNDF Datasheet HTML 5Page - ON Semiconductor FGPF15N60UNDF Datasheet HTML 6Page - ON Semiconductor FGPF15N60UNDF Datasheet HTML 7Page - ON Semiconductor FGPF15N60UNDF Datasheet HTML 8Page - ON Semiconductor FGPF15N60UNDF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2012 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGPF15N60UNDF Rev. C2
September 2013
Absolute Maximum Ratings
Notes:
1: Repetitive rating: Pulse width limited by max. junction temperature
Thermal Characteristics
Notes:
2: Mountde on 1” square PCB (FR4 or G-10 material)
Symbol
Description
Ratings
Unit
VCES
Collector to Emitter Voltage
600
V
VGES
Gate to Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25
oC30
A
Collector Current
@ TC = 100
oC15
A
ICM (1)
Pulsed Collector Current
@ TC = 25
oC
45
A
IF
Diode Forward Current
@ TC = 25
oC15
A
Diode Forward Current
@ TC = 100
oC7.5
A
PD
Maximum Power Dissipation
@ TC = 25
oC42
W
Maximum Power Dissipation
@ TC = 100
oC17
W
TJ
Operating Junction Temperature
-55 to +150
oC
Tstg
Storage Temperature Range
-55 to +150
oC
Symbol
Parameter
Typ.
Max.
Unit
RθJC(IGBT)
Thermal Resistance, Junction to Case
-
3.0
oC/W
RθJC(Diode)
Thermal Resistance, Junction to Case
-
4.9
oC/W
RθJA
Thermal Resistance, Junction to Ambient (PCB Mount)(2)
-
62.5
oC/W
FGPF15N60UNDF
600 V, 15 A
Short Circuit Rated IGBT
Features
• Short Circuit Rated 10us
• High Current Capability
• High Input Impedance
• Fast Switching
•RoHS Compliant
Applications
• Sewing Machine, CNC, Home Appliances, Motor Control
General Description
Using advanced NPT IGBT technology, Fairchild’s the NPT
IGBTs offer the optimum performance for low-power inverter-
driven applications where low-losses and short-circuit rugged-
ness features are essential, such as sewing machine, CNC,
motor control and home appliances.
G
C
E
TO-220F
(Retractable)
G C E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com