Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2102 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FPF2102
Description  IntelliMAX™ Advanced Load Management Products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2102 Datasheet(HTML) 3 Page - ON Semiconductor

  FPF2102 Datasheet HTML 1Page - ON Semiconductor FPF2102 Datasheet HTML 2Page - ON Semiconductor FPF2102 Datasheet HTML 3Page - ON Semiconductor FPF2102 Datasheet HTML 4Page - ON Semiconductor FPF2102 Datasheet HTML 5Page - ON Semiconductor FPF2102 Datasheet HTML 6Page - ON Semiconductor FPF2102 Datasheet HTML 7Page - ON Semiconductor FPF2102 Datasheet HTML 8Page - ON Semiconductor FPF2102 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
www.fairchildsemi.com
FPF2100-FPF2107 Rev. H
Typical Application Circuit
Functional Block Diagram
Pin Configuration
Pin Description
Pin
Name
Function
1VIN
Supply Input: Input to the power switch and the supply voltage for the IC
2
GND
Ground
3
ON
ON Control Input
4
FLAGB
Fault Output: Active LO, open drain output which indicates an over current supply,
under voltage or over temperature state.
5VOUT
Switch Output: Output of the power switch
OFF ON
ON
VIN
GND
FPF2100 - FPF2107
FLAGB
VOUT
TO LOAD
UVLO
THERMAL
SHUTDOWN
CURRENT
LIMIT
CONTROL
LOGIC
VIN
ON
VOUT
FLAGB
GND
VIN
GND
ON
FLAGB
VOUT
SOT23-5
1
2
34
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com