Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2106 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2106
Description  IntelliMAX™ Advanced Load Management Products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2106 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2106 Datasheet HTML 1Page - ON Semiconductor FPF2106 Datasheet HTML 2Page - ON Semiconductor FPF2106 Datasheet HTML 3Page - ON Semiconductor FPF2106 Datasheet HTML 4Page - ON Semiconductor FPF2106 Datasheet HTML 5Page - ON Semiconductor FPF2106 Datasheet HTML 6Page - ON Semiconductor FPF2106 Datasheet HTML 7Page - ON Semiconductor FPF2106 Datasheet HTML 8Page - ON Semiconductor FPF2106 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FPF2100-FPF2107 Rev. H
tm
August 2008
FPF2100-FPF2107
IntelliMAX™ Advanced Load Management Products
Features
1.8 to 5.5V Input Voltage Range
Controlled Turn-On
200mA and 400mA Current Limit Options
Undervoltage Lockout
Thermal Shutdown
<1µA Shutdown Current
Auto restart
Fast Current limit Response Time
3µs to Moderate Over Currents
20ns to Hard Shorts
Fault Blanking
RoHS Compliant
Applications
PDAs
Cell Phones
GPS Devices
MP3 Players
Digital Cameras
Peripheral Ports
Hot Swap Supplies
General Description
The FPF2100 through FPF2107 is a family of load switches
which provide full protection to systems and loads which may
encounter large current conditions. These devices contain a
0.125Ω current-limited P-channel MOSFET which can operate
over an input voltage range of 1.8-5.5V. Switch control is by a
logic input (ON) capable of interfacing directly with low voltage
control signals. Each part contains thermal shutdown protection
which shuts off the switch to prevent damage to the part when a
continuous over-current condition causes excessive heating.
When the switch current reaches the current limit, the part
operates in a constant-current mode to prohibit excessive
currents from causing damage. For the FPF2100-FPF2102 and
FPF2104-FPF2106, if the constant current condition still
persists after 10ms, these parts will shut off the switch and pull
the fault signal pin (FLAGB) low. The FPF2100, FPF2101,
FPF2104 and FPF2105, have an auto-restart feature which will
turn the switch on again after 160ms if the ON pin is still active.
The FPF2102 and FPF2106 do not have this auto-restart
feature so the switch will remain off until the ON pin is cycled.
For the FPF2103 and FPF2107, a current limit condition will
immediately pull the fault signal pin low and the part will remain
in the constant-current mode until the switch current falls below
the current limit. For the FPF2100 through FPF2103, the
minimum current limit is 200mA while that for the FPF2104
through FPF2107 is 400mA.
These parts are available in a space-saving 5 pin SOT23
package.
Ordering Information
Part
Current Limit
[mA]
Current Limit
Blanking Time
[ms]
Auto-Restart
Time
[ms]
ON Pin
Activity
Top Mark
FPF2100
200
10
160
Active HI
2100
FPF2101
200
10
160
Active LO
2101
FPF2102
200
10
NA
Active HI
2102
FPF2103
200
0
NA
Active HI
2103
FPF2104
400
10
160
Active HI
2104
FPF2105
400
10
160
Active LO
2105
FPF2106
400
10
NA
Active HI
2106
FPF2107
400
0
NA
Active HI
2107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com