Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

635-7/16 Datasheet(PDF) 1 Page - Klein Tools, Inc.

Part # 635-7/16
Description  Drivers SCREW, NUT, MULTI & ADJUSTABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

635-7/16 Datasheet(HTML) 1 Page - Klein Tools, Inc.

  635-7/16 Datasheet HTML 1Page - Klein Tools, Inc. 635-7/16 Datasheet HTML 2Page - Klein Tools, Inc. 635-7/16 Datasheet HTML 3Page - Klein Tools, Inc. 635-7/16 Datasheet HTML 4Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2016 Klein Tools, Inc.
Lincolnshire, IL. 60069-1418
Rev. 10/17 96454
www.kleintools.com/catalog/drivers
See our complete line of
Drivers
Adjust to the length you need on the fly
Carry fewer tools with a more versatile screwdriver. The shafts adjust
anywhere from 4" to 8" (10 – 20 cm) for numerous length choices.
• Removable and reversible shafts with a different tip on each end
• Proprietary system securely holds the blade in place – as durable
as a traditional Klein fixed blade screwdriver
• Use on internet boxes, telecomm boxes, generators and more
Cat. No.
Description
Tips
32708
Adjustable Length Screwdriver
#1 & #2 Square
32751
Adjustable Length Screwdriver
#2 Phillips & 1/4" Slotted
Sets Replacement Blades
32618
Replacement Blades
#2 Phillips and 1/4" Slotted
32709
Replacement Blades
#1 & #2 Square
32713
Replacement Blades
#1 Phillips & 3/16" Slotted
32715
Replacement Blades (3-Pack)
#2 Phillips & 1/4" Slotted
#1 Phillips & 3/16" Slotted
#1 & #2 Square
32619
Handle only
N/A
Cat. No.
Tips
Hex Sizes
Overall Length
32593
#1 & #2 Phillips and 1/4" & 3/16" Slotted
1/4"
& 5/16"
3.5"
(63.5 mm)
32594
#1 & #2 Square, #2 Phillips & 3/16" Slotted
Ratcheting mechanism allows user to
work faster and with more efficiency
• Includes four different screwdriver bits and 1/4" and 5/16" nut drivers
6-in-1 Ratcheting
STUBBY SCREWDRIVERS
As the tradesperson’s needs change, so do Klein’s
products. The latest additions to our line of drivers
feature added functionality to increase productivity
and decrease the number of tools on the belt or in
the bag.
Cat. No.
Description
Tips
Overall Length
32290
15-in-1 Classic
#0, #1, #2, #3 Phillips; #1 and #2 Square;
#1 and #2 Combo; #10, #15, #20, #25
Torx; 4 and 6 MM Slotted; ¼” Hex
9"
(229 mm)
32291
15-in-1 Tamperproof
#10, #15, #20, #25, #27, #30 Torx-Pins;
1/8”, 9/64”, 5/32”, 3/16” Hex-Pins;
#6, #8, #10, #12 Spanners; ¼” Hex
32292
15-in-1 HVAC
#0, #1, #2 and #3 Phillips; #1 and #2
Square; Schrader Valve Insertion and
Core Removal Bits; #10, #15, #20 and
#25 Torx; 4 and 6 MM Slotted; ¼” Hex
Fixed shaft and internal storage compartment
for the bits so they stay with the driver
• These drivers include 14 different screwdriver tips plus a 1/4" nut driver
Adjustable Length
SCREWDRIVERS
Push up to retract
or shorten the shaft
Press down to extend
or lengthen the shaft
8"
4"
Internal storage for
screwdriver bits
15-in-1
SCREWDRIVERS
Drivers
SCREW, NUT, MULTI & ADJUSTABLE


Similar Part No. - 635-7/16

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
635-7X APEX-ELECTRONICS-635-7X Datasheet
175Kb / 3P
Slotted Bits
More results

Similar Description - 635-7/16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-31607-9 ETC2-BU-31607-9 Datasheet
94Kb / 1P
Screw-in Safety Socket with Stud and Metal Nut
D01294 ETC2-D01294 Datasheet
4Mb / 4P
Hexagon Nut And Screw Head Covers
logo
Rohm
BU97540KV-M ROHM-BU97540KV-M Datasheet
3Mb / 70P
Multi-function Segment Drivers
logo
PHOENIX CONTACT
1432460 PHOENIX-1432460 Datasheet
343Kb / 4P
Housing screw connection - SACC-M12-SCO NUT L 90
02/04/2022
logo
Japan Aviation Electron...
D20418-J3F JAE-D20418-J3F Datasheet
45Kb / 4P
D-Sub Connector, Screw lock (Lock nut, M2.6)
D20418-JR JAE-D20418-JR Datasheet
38Kb / 4P
D-Sub Connector, Screw lock (Lock nut, M2.6)
logo
PHOENIX CONTACT
1454499 PHOENIX-1454499 Datasheet
188Kb / 3P
SACC-M12 NUT PRESS PPI - Housing screw connection
1552243 PHOENIX-1552243 Datasheet
259Kb / 6P
SACC-M12-SCO NUT - Housing screw connection
1437889 PHOENIX-1437889 Datasheet
350Kb / 7P
SACC-M12 NUT PRESS - Housing screw connection
1416144 PHOENIX-1416144 Datasheet
277Kb / 7P
SACC-DSIV-M12-NUT - Housing screw connection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com