Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEK-POW-LDOV02X Datasheet(PDF) 3 Page - STMicroelectronics

Part # AEK-POW-LDOV02X
Description  Dual linear voltage regulator evaluation board with configurable output voltage and diagnostic features based on automotive-grade L99VR02XP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-POW-LDOV02X Datasheet(HTML) 3 Page - STMicroelectronics

  AEK-POW-LDOV02X Datasheet HTML 1Page - STMicroelectronics AEK-POW-LDOV02X Datasheet HTML 2Page - STMicroelectronics AEK-POW-LDOV02X Datasheet HTML 3Page - STMicroelectronics AEK-POW-LDOV02X Datasheet HTML 4Page - STMicroelectronics AEK-POW-LDOV02X Datasheet HTML 5Page - STMicroelectronics AEK-POW-LDOV02X Datasheet HTML 6Page - STMicroelectronics AEK-POW-LDOV02X Datasheet HTML 7Page - STMicroelectronics AEK-POW-LDOV02X Datasheet HTML 8Page - STMicroelectronics AEK-POW-LDOV02X Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1
System requirements, HW and SW resources
Figure 1. AEK-POW-LDOV02X block diagram with connection to an MCU board
0.8 V - 1.2 V - 1.5 V - 1.8 V
2.5 V - 2.8 V - 3.3 V – 5 V
12 V
Features implemented through CN1A, CN1B, CN2A and CN2B
Watchdog
Thermal
Warning
Current
limiter
Fast output
discharge
CN1A
CN1B
CN2A
CN2B
ADC
TW
AEK-POW-LDOV02X
System requirements, HW and SW resources
DB5588 - Rev 2
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com