Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JN2AS10UL1-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2AS10UL1-R
Description  Small circular connector, Rectangular flange, 10 pos., Panel mount receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2AS10UL1-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JN2AS10UL1-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2AS10UL1-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2AS10UL1-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN2AS10UL1-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JN2AS10UL1-R
Features
Small circular connector, Rectangular flange, 10 pos., Panel mount receptacle
Part Number
JN2AS10UL1-R
Status
Active
Number of Positions
10 pos.
Rated Current
3A
Rated Voltage
  
Waterproof/ Non-waterproof
Waterproof (when mated)
Applications
Industrial equipment interface  
Connector Type
Panel mount receptacle
Connector Style
  
Contact Type
Pin
Wire Termination Method
Soldering (Through-hole)
Applicable Wire Size (AWG)
  
Coupling Style
One-touch locking
Contact Size
#22
Shell Size
S
Contact Arrangement Code
  
Product Details


Similar Part No. - JN2AS10UL1-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN2AS10UL1-R JAE-JN2AS10UL1-R Datasheet
388Kb / 22P
Small Circular Connector
More results

Similar Description - JN2AS10UL1-R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS3100RSFK GLENAIR-ITS3100RSFK Datasheet
721Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS3102YFK GLENAIR-ITS3102YFK Datasheet
317Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS31033AFK GLENAIR-ITS31033AFK Datasheet
797Kb / 2P
Rear Panel Mount Square Flange Receptacle
FRITS4102AFS GLENAIR-FRITS4102AFS Datasheet
718Kb / 2P
Front Panel Mount Square Flange Receptacle
FRITS4103A GLENAIR-FRITS4103A Datasheet
793Kb / 2P
Rear Panel Mount Square Flange Receptacle
IPT00E18-11SZC GLENAIR-IPT00E18-11SZC Datasheet
219Kb / 2P
Front Panel Mount Square Flange Receptacle
IPT00G18-11SZC GLENAIR-IPT00G18-11SZC Datasheet
228Kb / 2P
Front Panel Mount Square Flange Receptacle
IPT00J18-11SZC GLENAIR-IPT00J18-11SZC Datasheet
225Kb / 2P
Front Panel Mount Square Flange Receptacle
logo
Amphenol Corporation
AHD10-6-12P-L AMPHENOL-AHD10-6-12P-L Datasheet
65Kb / 1P
RECEPTACLE, 6N POS, FLANGE
logo
Glenair, Inc.
ITS-500-030 GLENAIR-ITS-500-030 Datasheet
292Kb / 2P
Rear Panel Mount Square Flange Receptacle
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com