Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1AS2 Datasheet(PDF) 4 Page - Multicomp Pro

Part # 1AS2
Description  Toggle Switches Sub-Miniature
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1AS2 Datasheet(HTML) 4 Page - Multicomp Pro

  1AS2 Datasheet HTML 1Page - Multicomp Pro 1AS2 Datasheet HTML 2Page - Multicomp Pro 1AS2 Datasheet HTML 3Page - Multicomp Pro 1AS2 Datasheet HTML 4Page - Multicomp Pro 1AS2 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page <4>
V1.0
30/04/20
Toggle Switches
Sub-Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Number
of
Poles
Switch Function
Connected Terminals/Schematic
Model Number
Position 1 Position 2 Position 3
Position 1
Position 2
Position 3
SP
On
None
Mom
2 - 3
N/A
2 - 1
1AS2
Off
On
Open
1AS3
Mom
Mom
1AS4
On
1AS5
DP
On
None
On
2 - 3, 5 - 6
NA
2 - 1, 5 - 4
1AD1
Mom
1AD2
Off
On
Open
1AD3
Mom
Mom
1AD4
On
1AD5
On
On
2 - 3, 5 - 6
2 - 3, 5 - 4
2 - 1, 5 - 4
1AD6
Specifications
Part Number Explanation:
Mom = Momentary
1AS2
T2
B4
M2
R
E
Model
Number
Actuator
Bushing
Terminations
Contact
Material
Seal
RoHS Compliant
Model Number
: 1AS2 = SP On-None-Mom, 1AS3 = SP On-Off-On, 1AS4 = SP Mom-Off-Mom, 1AS5 = SP On-Off-Mom,
1AD1 = DP On-None-On, 1AD2 = DP On-None-Mom, 1AD3 = DP On-Off-On, 1AD4 = DP Mom-Off-Mom,
1AD5 = DP On-Off-Mom and 1AD6 = DP On-On-On.
Actuator
: T2 = 7.62 High.
Bushing
: B4 = 6.10 High.
Terminations
: M2 = PVC Through Hole, M6 = Right Angle, PVC Through Hole and M7 = Vertical Right Angle, PVC
Through Hole.
Contact Material : R = Gold
Seal
: E = Epoxy (STD)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com