Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0017 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0017
Description  Relay Module (Arduino Compatible) (SKU: DFR0017)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0017 Datasheet(HTML) 1 Page - DFROBOT

  DFR0017 Datasheet HTML 1Page - DFROBOT DFR0017 Datasheet HTML 2Page - DFROBOT DFR0017 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Relay Module (Arduino Compatible) (SKU: DFR0017)
 
Contents
1 Introduction
2 Specification
3 Tutorial
3.1 Connection Diagram
3.2 Sample Code
3.3 Result
Introduction
The DFRobot Single Relay blocks the number of electronic modules. It can be used in interactive
projects. This relay shield uses Omron G5LA high-quality relay. It can also be used to control the
lighting, electrical and other equipments. The modular design makes it easy to expand with the
Arduino board (not included). The Relay output state by a light-emitting diode. It can be controlled
through the digital IO port, such as solenoid valves, lamps, motors and other high current or high
voltage devices.


Similar Part No. - DFR0017

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0010 DFROBOT-DFR0010 Datasheet
102Kb / 4P
Arduino Nano 328 (SKU: DFR0010)
DFR0012 DFROBOT-DFR0012 Datasheet
126Kb / 3P
Arduino Nano IO Shield (SKU: DFR0012)
DFR0013 DFROBOT-DFR0013 Datasheet
257Kb / 5P
IIC to GPIO Shield V2.0 SKU: DFR0013
DFR0015 DFROBOT-DFR0015 Datasheet
203Kb / 3P
Xbee Shield For Arduino (no Xbee) (SKU:DFR0015)
5-2-17
DFR0016 DFROBOT-DFR0016 Datasheet
111Kb / 1P
Mega Prototyping Shield for Arduino Mega Due SKU:DFR0016
4-21-17
More results

Similar Description - DFR0017

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC2026AFA LINER-DC2026AFA Datasheet
438Kb / 16P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
List of Unclassifed Man...
ULCD-28-PTU-AR ETC2-ULCD-28-PTU-AR Datasheet
377Kb / 6P
Arduino Display Module Pack
ULCD-32-PTU-AR ETC2-ULCD-32-PTU-AR Datasheet
375Kb / 6P
Arduino Display Module Pack
ULCD-43PT-AR ETC2-ULCD-43PT-AR Datasheet
379Kb / 6P
Arduino Display Module Pack Featuring a 4.3??Display Module
ULCD-70DT-AR ETC2-ULCD-70DT-AR Datasheet
335Kb / 6P
Arduino Display Module Pack Featuring a .70" Display Module
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
Arduino Display Module Pack Display Module
ULCD-35DT-AR ETC2-ULCD-35DT-AR Datasheet
325Kb / 7P
Arduino Display Module Pack
logo
Linear Dimensions Semic...
DC2026C LINEAR_DIMENSIONS-DC2026C Datasheet
449Kb / 18P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
Infineon Technologies A...
CYBT-243053-EVAL INFINEON-CYBT-243053-EVAL Datasheet
1Mb / 3P
EZBTTM MODULE ARDUINO EVALUATION BOARD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com