Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0026 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0026
Description  DFRobot Ambient Light Sensor SKU: DFR0026
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0026 Datasheet(HTML) 1 Page - DFROBOT

  DFR0026 Datasheet HTML 1Page - DFROBOT DFR0026 Datasheet HTML 2Page - DFROBOT DFR0026 Datasheet HTML 3Page - DFROBOT DFR0026 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
DFRobot Ambient Light Sensor SKU: DFR0026 
Contents
1 Introduction
2 Specification
3 Application
4 PinOut
5 Tutorial
5.1 Connection Diagram
5.2 Sample Code
5.3 Result
6 FAQ
Introduction
Here comes DFRobot's new Analog Ambient Light Sensor. Brand new design and much more
convenient to use.This module help you to detect the light density and reflect the analog voltage
signal back to Arduino controller. You can set the threshold of voltage level to trig other unit on
Arduino project.
Specification
Supply Voltage: 3.3V to 5V
Illumination range : 1 Lux to 6000 Lux
Responsive time : 15us
Interface: Analog
Size:22x30mm


Similar Part No. - DFR0026

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0021-B DFROBOT-DFR0021-B Datasheet
55Kb / 2P
Gravity: Digital Blue LED Light Module
DFR0021-G DFROBOT-DFR0021-G Datasheet
53Kb / 1P
Gravity: Digital Green LED Light Module
DFR0021-R DFROBOT-DFR0021-R Datasheet
131Kb / 2P
Gravity:Digital RED LED Light Module
DFR0021-W DFROBOT-DFR0021-W Datasheet
94Kb / 1P
Gravity:Digital White LED Light Module
DFR0022 DFROBOT-DFR0022 Datasheet
275Kb / 2P
Analog Grayscale Sensor V2 SKU:DFR0022
More results

Similar Description - DFR0026

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V01 Datasheet
144Kb / 6P
Ambient Light Sensor
08-Apr-14
TEMT6000X01 VISHAY-TEMT6000X01_V01 Datasheet
148Kb / 6P
Ambient Light Sensor
23-Aug-11
TEPT4400 VISHAY-TEPT4400_V01 Datasheet
106Kb / 5P
Ambient Light Sensor
30-Jun-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com