Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ15VALDBZR Datasheet(PDF) 4 Page - Texas Instruments

Part # MMBZ15VALDBZR
Description  MMBZxxVAL Dual Channel Zener Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MMBZ15VALDBZR Datasheet(HTML) 4 Page - Texas Instruments

  MMBZ15VALDBZR Datasheet HTML 1Page - Texas Instruments MMBZ15VALDBZR Datasheet HTML 2Page - Texas Instruments MMBZ15VALDBZR Datasheet HTML 3Page - Texas Instruments MMBZ15VALDBZR Datasheet HTML 4Page - Texas Instruments MMBZ15VALDBZR Datasheet HTML 5Page - Texas Instruments MMBZ15VALDBZR Datasheet HTML 6Page - Texas Instruments MMBZ15VALDBZR Datasheet HTML 7Page - Texas Instruments MMBZ15VALDBZR Datasheet HTML 8Page - Texas Instruments MMBZ15VALDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Peak pulse
MMBZ15VAL - IEC 61643-321 Power (tp = 10/1000µs) at 25°C
35
W
Peak pulse
MMBZ15VAL - IEC 61643-321 Current (tp = 10/1000µs) at 25°C
1.7
A
Peak pulse
MMBZ27VAL - IEC 61643-321 Power (tp = 10/1000µs) at 25°C
35
W
Peak pulse
MMBZ27VAL - IEC 61643-321 Current (tp = 10/1000µs) at 25°C
0.9
A
Ptot
Total Power Dissipation (Tamb ≤ 25 °C)
500
mW
TA
Operating free-air temperature
-55
150
°C
Tstg
Storage temperature
-65
155
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
5.2 ESD Ratings - JEDEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001
± 2500
V
Charged device model (CDM), per JEDEC
specification JS-002
± 1000
5.3 ESD Ratings - IEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
±30000
V
IEC 61000-4-2 Air-gap Discharge, all pins
±30000
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating free-air temperature
-55
150
°C
5.5 Thermal Information
THERMAL METRIC (1)
MMBZxxVAL
UNIT
DBZ ( SOT-23)
3 PINS
RθJA
Junction-to-ambient thermal resistance
186.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
127.5
°C/W
RθJB
Junction-to-board thermal resistance
74.1
°C/W
ΨJT
Junction-to-top characterization parameter
46.7
°C/W
ΨJB
Junction-to-board characterization parameter
73.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
MMBZ15VAL, MMBZ27VAL
SLVSJ23 – JUNE 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com